Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YX8115 Datasheet (PDF) - List of Unclassifed Manufacturers

YX8115 Datasheet PDF - List of Unclassifed Manufacturers
Part # YX8115
Download  YX8115 Download
File Size   118.75 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LED driver YX8115

YX8115 Datasheet (PDF)

Go To PDF Page Download Datasheet
YX8115 Datasheet PDF - List of Unclassifed Manufacturers

Part # YX8115
Download  YX8115 Click to download

File Size   118.75 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LED driver YX8115

YX8115 Datasheet (HTML) - List of Unclassifed Manufacturers


YX8115 Product details

・Features
Low operating voltage:
Low start-up voltage:
High efficiency:
package:
・Pin assignment
・Features
Low operating voltage: 0.9
Low start-up voltage:
High efficiency: over 80%
Package: TO
・Pin assignment
0.9-1.5V
Low startup voltage: 0.9V
That's all
TO-92/SOT-23




Similar Part No. - YX8115

ManufacturerPart #DatasheetDescription
logo
Shanghai Yuxin Electron...
YX8115 SHININGIC-YX8115 Datasheet
1Mb / 1P
LED
More results


Similar Description - YX8115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com