Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2201484 Datasheet (PDF) - PHOENIX CONTACT

2201484 Datasheet PDF - PHOENIX CONTACT
Part # 2201484
Download  2201484 Download
File Size   317.58 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EH 45-B/ABS BK9005 - Mounting base housing

2201484 Datasheet (PDF)

Go To PDF Page Download Datasheet
2201484 Datasheet PDF - PHOENIX CONTACT

Part # 2201484
Download  2201484 Click to download

File Size   317.58 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description EH 45-B/ABS BK9005 - Mounting base housing

2201484 Datasheet (HTML) - PHOENIX CONTACT


2201484 Product details

DIN rail housing, Lower housing part with base latch, tall design, with vents, width: 45.1 mm,
height: 75 mm, depth: 87.3 mm, color: black (similar RAL 9005), cross connection: without bus
connector, number of positions cross connector: not relevant




Similar Part No. - 2201484

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2201481-1 TEC-2201481-1 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
2201481-2 TEC-2201481-2 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
2201482-1 TEC-2201482-1 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
2201482-2 TEC-2201482-2 Datasheet
658Kb / 8P
METAL-SHELL MICRO CIRCULAR CONNECTORS
logo
PHOENIX CONTACT
2201483 PHOENIX-2201483 Datasheet
316Kb / 8P
EH 45-B/ABS GY7035 - Mounting base housing
More results


Similar Description - 2201484

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201961 PHOENIX-2201961 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 7/9U TBUS 7035
1586345 PHOENIX-1586345 Datasheet
56Kb / 4P
Housing - HC-B 10-TFL-45/M1M20G
1604769 PHOENIX-1604769 Datasheet
59Kb / 4P
Housing - HC-B 10-TFQ-45/O1M20G
1673559 PHOENIX-1673559 Datasheet
52Kb / 3P
Housing - HC-B 10-TFQ-45/O1PG16G
1673782 PHOENIX-1673782 Datasheet
62Kb / 3P
Housing - HC-B 16-TFL-45/O1PG21G
2201448 PHOENIX-2201448 Datasheet
89Kb / 5P
Upper part of housing - EH 45 F-C SS/ABS BK9005
09/12/2020
2201664 PHOENIX-2201664 Datasheet
52Kb / 2P
Housing cover - BC 161,6 DKL R BK9005
11/05/2018
2201742 PHOENIX-2201742 Datasheet
107Kb / 7P
Mounting base housing - EH 70-B/ABS GY7035
09/12/2020
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com