Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3969926 Datasheet (PDF) - PHOENIX CONTACT

3969926 Datasheet PDF - PHOENIX CONTACT
Part # 3969926
Download  3969926 Download
File Size   436.9 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RSCWE 6-3/10 - Test terminal strip

3969926 Datasheet (PDF)

Go To PDF Page Download Datasheet
3969926 Datasheet PDF - PHOENIX CONTACT

Part # 3969926
Download  3969926 Click to download

File Size   436.9 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RSCWE 6-3/10 - Test terminal strip

3969926 Datasheet (HTML) - PHOENIX CONTACT


3969926 Product details

Test terminal strip, nom. voltage: 400 V, nominal current: 24 A, number of connections: 20,
number of positions: 10, connection method: Ring cable lug, 1 level, Rated cross section: 6 mm2,
mounting type: Panel mounting, color: gray




Similar Part No. - 3969926

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3969921 PHOENIX-3969921 Datasheet
97Kb / 6P
Maximum safety with leading and automatic transformer short circuit
3969922 PHOENIX-3969922 Datasheet
97Kb / 6P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3969923 PHOENIX-3969923 Datasheet
97Kb / 6P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3969924 PHOENIX-3969924 Datasheet
97Kb / 6P
Cost-effective, thanks to the tailored, modular design and use of standardized CLIPLINE complete accessories
3969925 PHOENIX-3969925 Datasheet
98Kb / 6P
Test terminal strip - RSCWE 6-3/9
More results


Similar Description - 3969926

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3969925 PHOENIX-3969925 Datasheet
98Kb / 6P
Test terminal strip - RSCWE 6-3/9
3969927 PHOENIX-3969927 Datasheet
94Kb / 6P
Test terminal strip - RSCWE 6-3/12
3969956 PHOENIX-3969956 Datasheet
80Kb / 4P
Test terminal strip - RSCWE 6-3/17
3969957 PHOENIX-3969957 Datasheet
81Kb / 4P
Test terminal strip - RSCWE 6-3/18
3969958 PHOENIX-3969958 Datasheet
81Kb / 4P
Test terminal strip - RSCWE 6-3/19
3969959 PHOENIX-3969959 Datasheet
83Kb / 4P
Test terminal strip - RSCWE 6-3/20
3026285 PHOENIX-3026285 Datasheet
118Kb / 8P
Test disconnect terminal block - UGSK 6
3029965 PHOENIX-3029965 Datasheet
68Kb / 6P
Test disconnect terminal block - SGSK 6
3069673 PHOENIX-3069673 Datasheet
238Kb / 22P
Test terminal strip - UTWE 6-2/20
09/12/2020
3969928 PHOENIX-3969928 Datasheet
271Kb / 24P
Test terminal strip - RSCWE 6-3/14
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com