Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER501 Datasheet (PDF) - Pan Jit International Inc.

ER501 Datasheet PDF - Pan Jit International Inc.
Part # ER501
Download  ER501 Download
File Size   47.52 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SUPERFAST RECOVERY RECTIFIERS

ER501 Datasheet (PDF)

Go To PDF Page Download Datasheet
ER501 Datasheet PDF - Pan Jit International Inc.

Part # ER501
Download  ER501 Click to download

File Size   47.52 Kbytes
Page   2 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SUPERFAST RECOVERY RECTIFIERS

ER501 Datasheet (HTML) - Pan Jit International Inc.


ER501 Product details

VOLTAGE 50 to 600 Volts CURRENT 5.0 Amperes

FEATURES
• Superfast recovery times-epitaxial construction.
• Low forward voltage, high current capability.
• Exceeds environmental standards of MIL-S-19500/228.
• Hermetically sealed.
• Low leakage.
• High surge capability.
• Plastic package has Underwriters Laboratories
   Flammability Classification 94V-O utilizing
   Flame Retardant Epoxy Molding Compound.
• Both normal and Pb free product are available :
   Normal : 80~95% Sn, 5~20% Pb
   Pb free: 98.5% Sn above




Similar Part No. - ER501

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER501 PANJIT-ER501 Datasheet
62Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
ER501 TRSYS-ER501 Datasheet
152Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER501 PANJIT-ER501 Datasheet
47Kb / 2P
GLASS PASSIVATED JUNCTION SUPERFAST RECOVERY RECTIFIERS
logo
Shenzhen Taychipst Elec...
ER501 TAYCHIPST-ER501 Datasheet
2Mb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
ER501 SUNMATE-ER501 Datasheet
280Kb / 2P
SUPER FAST RECOVER Y RECTIFIER DIODES
More results


Similar Description - ER501

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
SUPERFAST RECOVERY RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com