Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1816 Datasheet (PDF) - Freescale Semiconductor, Inc

AN1816 Datasheet PDF - Freescale Semiconductor, Inc
Part # AN1816
Download  AN1816 Download
File Size   2218.65 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL

AN1816 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN1816 Datasheet PDF - Freescale Semiconductor, Inc

Part # AN1816
Download  AN1816 Click to download

File Size   2218.65 Kbytes
Page   24 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL

AN1816 Datasheet (HTML) - Freescale Semiconductor, Inc


AN1816 Product details

Introduction
System design requirements are continually changing as systems become increasingly complex. In conventional systems where sensors and actuators are connected directly to a microcontroller (MCU), the number of pins available on the MCU limits system expansion. As a result, extra costs can be incurred if another MCU is required or if the hardware has to be redesigned to accommodate a higher pin count MCU. An alternative approach is to move to a distributed bus architecture. This option allows one master MCU to interconnect to many remote sensors and actuators.

The DSI communication bus is simple yet robust. Signals are superimposed onto the power line and, as communication between the master and slave nodes is bi-directional, the DSI makes efficient use of bus bandwidth. Also, to ensure message integrity, each message contains a 4-bit Cyclic Redundancy Check (CRC).

Slave nodes can be attached to the bus in daisy chain or parallel connections. Each slave device on a bus has a unique address. The daisy chain connection allows the central module to establish the node addresses at power-up. The parallel configuration can be used for devices that have pre-programmed or fixed addresses. It is possible to have a combination of the two on one bus with the maximum number of nodes on a DSI bus being 16 (1 master and 15 slaves).




Similar Part No. - AN1816

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN18164B PANASONIC-AN18164B Datasheet
273Kb / 8P
Car Radio FM/AM tuner IC built-in PLL synthesizer
AN18165B PANASONIC-AN18165B Datasheet
223Kb / 7P
FM-MPX demodulation / FM noise canceller for car radio
More results


Similar Description - AN1816

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
AN460 PHILIPS-AN460 Datasheet
66Kb / 8P
Using the P82B96 for bus interface
2001 Feb 14
logo
Freescale Semiconductor...
33790 FREESCALE-33790 Datasheet
244Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
33793 FREESCALE-33793 Datasheet
747Kb / 27P
Distributed System Interface (DSI) Sensor Interface
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Texas Instruments
TMS320C2000 TI1-TMS320C2000 Datasheet
26Kb / 2P
Using the TMS320C2000 DMC to Build Control Systems
logo
STMicroelectronics
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
Using the ST8024 Smartcard Interface
10-Feb-2006
AN2647 STMICROELECTRONICS-AN2647 Datasheet
480Kb / 34P
Using the STR91xFA external memory interface
13-Dec-2007
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com