Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAA3864K Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

MAA3864K Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # MAA3864K
Download  MAA3864K Download
File Size   413.46 Kbytes
Page   33 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Flush Mount Round Shape Type

MAA3864K Datasheet (PDF)

Go To PDF Page Download Datasheet
MAA3864K Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # MAA3864K
Download  MAA3864K Click to download

File Size   413.46 Kbytes
Page   33 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Flush Mount Round Shape Type

MAA3864K Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


MAA3864K Product details

Features

Package  φ3 Flush Mount Round shape type,

             MBG,MPG : Pale Green Clear epoxy

             MPY,MAY : Pale Yellow Clear epoxy

             MAA : Pale Orange Clear epoxy

             MVR,BR,MPR : Pale Red Clear epoxy

Product features            ・Outer Dimension φ3 Flush Mount Round shape type

                                 ・Operation temperature range.

                                      Storage Temperature :-30℃~100℃

                                     Operating Temperature :-30℃~85℃

                                ・Lead–free soldering compatible

                                ・RoHS compliant

Dominant wavelength    Green : 558nm (MBG)

                                         : 567nm (MPG)

                                Yellow Green : 572nm (MPY)

                                Yellow : 590nm (MAY)

                               Orange : 606nm (MAA)

                               Red : 624nm (MVR)

                                      647nm (BR)

                                      630nm (MPR)

Half Intensity Angle     MBG,MPG,MPY : θx=39 deg. θy=20 deg.

                               MAY,MAA,MVR,BR,MPR : θx=40 deg. θy=20 deg.

Die materials              MBG, MPG, MPY, MPR : GaP

                              MAY, MAA, MVR : GaAsP

                              BR : GaAlAs

Rank grouping parameter   Sorted by luminous intensity per rank taping

Soldering methods           TTW (Through The Wave) soldering and manual soldering

ESD                              More than 2kV(HBM)

Packing                         Bulk : 200pcs(MIN.)



Recommended Applications

Amusement Equipment, Electric Household Appliances, OA/FA, Other General Applications




Similar Part No. - MAA3864K

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
MAA3874K STANLEY-MAA3874K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
More results


Similar Description - MAA3864K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5307S ETC2-5307S Datasheet
426Kb / 33P
Single Color ?5 Flush Mount Round Shape Type
logo
STANLEY ELECTRIC CO.,LT...
MBG3874K STANLEY-MBG3874K Datasheet
413Kb / 33P
Single Color Flush Mount Round Shape Type
KR3803X STANLEY-KR3803X Datasheet
181Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR3804X STANLEY-KR3804X Datasheet
180Kb / 12P
Single Color ?3 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
188Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
KR5805S STANLEY-KR5805S Datasheet
185Kb / 12P
Single Color ?5 Flush Mount Round Shape Type
UB3803X STANLEY-UB3803X Datasheet
316Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
UB3804X STANLEY-UB3804X Datasheet
332Kb / 24P
Single Color ?3 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S Datasheet
131Kb / 10P
Single Color 5 Flush Mount Round Shape Type
WR5805S STANLEY-WR5805S_10 Datasheet
131Kb / 10P
Single Color ?5 Flush Mount Round Shape Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com