Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZJ11 Datasheet (PDF) - Pan Jit International Inc.

GDZJ11 Datasheet PDF - Pan Jit International Inc.
Part # GDZJ11
Download  GDZJ11 Download
File Size   146.12 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description AXIAL LEAD ZENER DIODES

GDZJ11 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDZJ11 Datasheet PDF - Pan Jit International Inc.

Part # GDZJ11
Download  GDZJ11 Click to download

File Size   146.12 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description AXIAL LEAD ZENER DIODES

GDZJ11 Datasheet (HTML) - Pan Jit International Inc.


GDZJ11 Product details

VOLTAGE 2.0 to 56 Volts POWER 500 mWatts

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Pb free product are available : 99% Sn above can meet Rohs
   environment substance directive request

MECHANICAL DATA
• Case: Molded Glass DO-35
• Terminals: Solderable per MIL-STD-202G, Method 208
• Polarity: See Diagram Below
• Approx. Weight: 0.13 grams
• Mounting Position: Any
• Ordering information: Suffix : “ -35 ” to order DO-35 Package
• Packing information
                                 B - 2K per Bulk box
                                 T/R - 10K per 13" plastic Reel
                                 T/B - 5K per horiz. tape & Ammo box




Similar Part No. - GDZJ11

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
GDZJ11 DIOTECH-GDZJ11 Datasheet
1Mb / 5P
500mW EPITAXIAL ZENER DIODE
logo
Pan Jit International I...
GDZJ11A PANJIT-GDZJ11A Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Frontier Electronics.
GDZJ11A FRONTIER-GDZJ11A Datasheet
123Kb / 4P
500m WATT ZENER DIODE
logo
Formosa MS
GDZJ11A FORMOSA-GDZJ11A Datasheet
339Kb / 4P
Zener diode
logo
Shanghai Shunye Electro...
GDZJ11A SHUNYE-GDZJ11A Datasheet
273Kb / 5P
AXIAL LEAD ZENER DIODES
V2.22
More results


Similar Description - GDZJ11

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX55-C PANJIT-BZX55-C Datasheet
126Kb / 4P
AXIAL LEAD ZENER DIODES
GDZ2.0 PANJIT-GDZ2.0 Datasheet
66Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
BZX85C WEITRON-BZX85C Datasheet
870Kb / 4P
Axial Lead Zener Diodes
logo
Pan Jit International I...
BZX55C2V4 PANJIT-BZX55C2V4 Datasheet
80Kb / 3P
AXIAL LEAD ZENER DIODES
GDZJ2.0 PANJIT-GDZJ2.0_08 Datasheet
92Kb / 4P
AXIAL LEAD ZENER DIODES
logo
Weitron Technology
1N4728A WEITRON-1N4728A_10 Datasheet
2Mb / 4P
Axial Lead Zener Diodes
logo
Anova Technologies CO.,...
1N4728A ANOVA-1N4728A Datasheet
240Kb / 3P
Axial Lead Zener Diodes
2EZ5.6D5 ANOVA-2EZ5.6D5 Datasheet
245Kb / 3P
Axial Lead Zener Diodes
3EZ5.6D5 ANOVA-3EZ5.6D5 Datasheet
251Kb / 3P
Axial Lead Zener Diodes
1N5919B ANOVA-1N5919B Datasheet
240Kb / 3P
Axial Lead Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com