Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ10 Datasheet (PDF) - Pan Jit International Inc.

GLZ10 Datasheet PDF - Pan Jit International Inc.
Part # GLZ10
Download  GLZ10 Download
File Size   111.29 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT ZENER DIODES

GLZ10 Datasheet (PDF)

Go To PDF Page Download Datasheet
GLZ10 Datasheet PDF - Pan Jit International Inc.

Part # GLZ10
Download  GLZ10 Click to download

File Size   111.29 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT ZENER DIODES

GLZ10 Datasheet (HTML) - Pan Jit International Inc.


GLZ10 Product details

FEATURES
• Planar Die construction
• 500mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• Both normal and Pb free product are available :
    Normal : 80~95% Sn, 5~20% Pb
    Pb free: 98.5% Sn above




Similar Part No. - GLZ10

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
GLZ10 DIOTECH-GLZ10 Datasheet
1Mb / 4P
500mW SUFACE MOUNT ZENER DIODE
logo
EIC discrete Semiconduc...
GLZ10A EIC-GLZ10A Datasheet
44Kb / 3P
ZENER DIODES
logo
Pan Jit International I...
GLZ10A PANJIT-GLZ10A Datasheet
106Kb / 5P
SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ10A FRONTIER-GLZ10A Datasheet
124Kb / 4P
500mW MINI MELF ZENER DIODE
logo
Won-Top Electronics
GLZ10A WTE-GLZ10A Datasheet
65Kb / 6P
500mW SURFACE MOUNT ZENER DIODE
September, 2012
More results


Similar Description - GLZ10

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
Surface Mount Zener Diodes
logo
Pan Jit International I...
AZ23C5V6P PANJIT-AZ23C5V6P Datasheet
262Kb / 3P
SURFACE MOUNT ZENER DIODES
ZMM55-C2V4 PANJIT-ZMM55-C2V4_09 Datasheet
99Kb / 4P
SURFACE MOUNT ZENER DIODES
ZMM5221B PANJIT-ZMM5221B_09 Datasheet
102Kb / 4P
SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
MM9D2V4 WEITRON-MM9D2V4 Datasheet
499Kb / 3P
Surface Mount Zener Diodes
SMB5921B WEITRON-SMB5921B Datasheet
81Kb / 2P
Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
SMZJ3788B JUXING-SMZJ3788B Datasheet
595Kb / 2P
Surface Mount Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com