Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL551 Datasheet (PDF) - DFI Inc

AL551 Datasheet PDF - DFI Inc
Part # AL551
Download  AL551 Download
File Size   875.79 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel Atom® Processor E3900 Series 3.5"

AL551 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL551 Datasheet PDF - DFI Inc

Part # AL551
Download  AL551 Click to download

File Size   875.79 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel Atom® Processor E3900 Series 3.5"

AL551 Datasheet (HTML) - DFI Inc


AL551 Product details

Features
• 1 DDR3L SODIMM up to 8GB
• Three independent displays: VGA + LVDS + DP++
• DP++ resolution up to 4096x2160 @ 60Hz
Dual Channel LVDS resolution up to 1920x1200 @ 60Hz
• Wireless communication: mini PCIe
• Rich I/O: 2 Intel GbE, 2 COM, 2 USB 3.0, 4 USB 2.0




Similar Part No. - AL551

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AL55-3 ALTECH-AL55-3 Datasheet
66Kb / 1P
ALUMINUM ENCLOSURE AL 553
logo
DFI Inc
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
logo
List of Unclassifed Man...
AL55CCW ETC2-AL55CCW Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
logo
Pentair Equipment Prote...
AL55CCW HOFFMANPRODUCTS-AL55CCW Datasheet
697Kb / 6P
Locks, Lockouts, Latches, Ha ndles and Clamps
logo
List of Unclassifed Man...
AL55CW ETC2-AL55CW Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
More results


Similar Description - AL551

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-7569 ADVANTECH-SOM-7569 Datasheet
832Kb / 2P
Intel Atom E3900 Pentium
logo
DFI Inc
AL05P DFI-AL05P Datasheet
763Kb / 2P
Intel Atom Processor E3900 Series 2.5 Pico-ITX
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
ALF51 DFI-ALF51 Datasheet
814Kb / 2P
Intel Atom Processor E3900 Series 1.8 SBC
AL253 DFI-AL253 Datasheet
943Kb / 2P
Intel Atom Processor E3900 Series 4 SBC
AL553 DFI-AL553 Datasheet
939Kb / 2P
Intel Atom Processor E3900 Series 3.5 SBC
AL700 DFI-AL700 Datasheet
624Kb / 2P
Intel Atom Processor E3900 Series Qseven
AL701 DFI-AL701 Datasheet
1Mb / 1P
Intel Atom Processor E3900 Series Qseven
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Adlink Technology Inc.
MXE-210 ADLINK-MXE-210 Datasheet
711Kb / 2P
Intel Atom Processor E3900 Family-Based Embedded platform
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com