Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL9A2 Datasheet (PDF) - DFI Inc

AL9A2 Datasheet PDF - DFI Inc
Part # AL9A2
Download  AL9A2 Download
File Size   885.51 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel® AtomTM Processor E3900 Series COM Express® Mini

AL9A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL9A2 Datasheet PDF - DFI Inc

Part # AL9A2
Download  AL9A2 Click to download

File Size   885.51 Kbytes
Page   2 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel® AtomTM Processor E3900 Series COM Express® Mini

AL9A2 Datasheet (HTML) - DFI Inc


AL9A2 Product details

Features
• Single Channel DDR3L 1600MHz Memory Down to 8GB
• 1 LVDS/eDP, 1 DDI (HDMI/DVI/DP)
Supports dual displays: DDI + LVDS/eDP
• DP++ resolution supports up to 4096x2160 @ 60Hz
• Multiple expansions: 4 PCIe x1
• Rich I/O: 1 Intel GbE, 2 USB 3.0, 8 USB 2.0




Similar Part No. - AL9A2

ManufacturerPart #DatasheetDescription
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-B40-E3950 DFI-AL9A3-B40-E3950 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-B40-N3350 DFI-AL9A3-B40-N3350 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-B80-N4200 DFI-AL9A3-B80-N4200 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
AL9A3-T40-E3930 DFI-AL9A3-T40-E3930 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
More results


Similar Description - AL9A2

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BT551 GSR-BT551 Datasheet
849Kb / 2P
Intel® AtomTM E3800 Series
logo
DFI Inc
AL9A3 DFI-AL9A3 Datasheet
1Mb / 2P
Intel Atom Processor E3900 Series COM Express Mini
BT968 DFI-BT968 Datasheet
1Mb / 2P
Intel AtomTM E3800 Series COM Express Compact
AL968 DFI-AL968 Datasheet
931Kb / 2P
Intel Atom Processor E3900 Series COM Express Compact
logo
Advantech Co., Ltd.
SOM-5993 ADVANTECH-SOM-5993 Datasheet
473Kb / 2P
Intel® Xeon® D Processor (Code Name: Ice Lake-D LCC) COM Express® Basic Type7
28-Jul-2022
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
AAEON Technology
NANOCOM-APL-B10 AAEON-NANOCOM-APL-B10 Datasheet
604Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-EHL AAEON-NANOCOM-EHL Datasheet
587Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel Atom®/Celeron®/Pentium®Processor
2023/03/22
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com