Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

49906A Datasheet (PDF) - Belden Inc.

49906A Datasheet PDF - Belden Inc.
Part # 49906A
Download  49906A Download
File Size   176.57 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description D-Subminiature Assembly, 10 ft, (9) 24 AWG (7x32) TC, S-R PVC/PVC

49906A Datasheet (PDF)

Go To PDF Page Download Datasheet
49906A Datasheet PDF - Belden Inc.

Part # 49906A
Download  49906A Click to download

File Size   176.57 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description D-Subminiature Assembly, 10 ft, (9) 24 AWG (7x32) TC, S-R PVC/PVC

49906A Datasheet (HTML) - Belden Inc.


49906A Product details

Product Description
Nine 24 AWG stranded (7x32) tinned copper conductors, S-R PVC insulation, Beldfoil® shield, PVC jacket, ten foot length.




Similar Part No. - 49906A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
49906226 MOLEX11-49906226 Datasheet
145Kb / 2P
2.54mm (.100") Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Blue
49906226 MOLEX11-49906226 Datasheet
40Kb / 2P
2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Blue
More results


Similar Description - 49906A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344179 ETC2-1344179 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344190 ETC2-1344190 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344844 ETC2-1344844 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1344904 ETC2-1344904 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1345955 ETC2-1345955 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1345978 ETC2-1345978 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346233 ETC2-1346233 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
31379 ETC2-31379 Datasheet
29Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346703 ETC2-1346703 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
1346980 ETC2-1346980 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com