Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6C212 Datasheet (PDF) - Solid State Inc

AD6C212 Datasheet PDF - Solid State Inc
Part # AD6C212
Download  AD6C212 Download
File Size   353.83 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Input Control Current (2. 5mA TYP)

AD6C212 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6C212 Datasheet PDF - Solid State Inc

Part # AD6C212
Download  AD6C212 Click to download

File Size   353.83 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Input Control Current (2. 5mA TYP)

AD6C212 Datasheet (HTML) - Solid State Inc


AD6C212 Product details

Description
The AD6C212 is a bi-directional, single-pole, single-throw,
normally closed multipurpose solid state relay. It is
designed to replace electromechanical relays in general
purpose switching applications. The relay consists of an
integrated circuit that drives two rugged source-to-source
depletion type DMOS transistors – optically coupled to a
light emitting diode.

Applications
 Meter Reading Systems
 Multiplexers
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Home / Safety Security Systems

Features
 Low Input Control Current (2. 5mA TYP)
 140mA Maximum Continuous Load Current
 Low On Resistance (20 TYP)
 High Isolation Voltage (2.5kVRMS, 3.75kVRMS –H Option)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant




Similar Part No. - AD6C212

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C212 SSOUSA-AD6C212 Datasheet
160Kb / 4P
1 Form B Solid State Relay
More results


Similar Description - AD6C212

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C543 SSOUSA-AD4C543 Datasheet
358Kb / 9P
Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
SMA4123 SSOUSA-SMA4123 Datasheet
238Kb / 6P
Low Input Control Current (1.5mA TYP)
SMA4217 SSOUSA-SMA4217 Datasheet
313Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6040 SSOUSA-SYZ6040 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6060 SSOUSA-SYZ6060 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6070 SSOUSA-SYZ6070 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
SYZ6080 SSOUSA-SYZ6080 Datasheet
232Kb / 8P
Low Input Control Current (5mA MAX)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com