Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R601003 Datasheet (PDF) - Belden Inc.

R601003 Datasheet PDF - Belden Inc.
Part # R601003
Download  R601003 Download
File Size   151.55 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Cord Sets, DataTuff® Cat 6 IP20 Metal-Body RJ45 Cord Set, 3m

R601003 Datasheet (PDF)

Go To PDF Page Download Datasheet
R601003 Datasheet PDF - Belden Inc.

Part # R601003
Download  R601003 Click to download

File Size   151.55 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Cord Sets, DataTuff® Cat 6 IP20 Metal-Body RJ45 Cord Set, 3m

R601003 Datasheet (HTML) - Belden Inc.


R601003 Product details

Product Description
Three meter, Cat 6 IP20 ruggedized metal-body RJ45 cord set, unshielded with solid conductors (Belden cable 7940A)




Similar Part No. - R601003

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
R60100-1 COOPER-R60100-1 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
R60100-2 COOPER-R60100-2 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
R60100-3 COOPER-R60100-3 Datasheet
289Kb / 2P
Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
logo
Belden Inc.
R601001 BELDEN-R601001 Datasheet
235Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 Metal-Body RJ45 Cord Set, 1m
R601002 BELDEN-R601002 Datasheet
151Kb / 1P
Cord Sets, DataTuff® Cat 6 IP20 Metal-Body RJ45 Cord Set, 2m
05-31-2024
More results


Similar Description - R601003

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
E501001 BELDEN-E501001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E503001 BELDEN-E503001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E505001 BELDEN-E505001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e 600V AWM IP20 RJ45 Cord Set, 1m
E507001 BELDEN-E507001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E509001 BELDEN-E509001 Datasheet
96Kb / 2P
Cord Sets - DataTuff짰 Cat 5e 600V AWM IP20 RJ45 Cord Set
E600001 BELDEN-E600001 Datasheet
235Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP67 RJ45 Cord Set, 1m
E601001 BELDEN-E601001 Datasheet
220Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 RJ45 Cord Set, 1m
E605001 BELDEN-E605001 Datasheet
221Kb / 1P
Cord Sets, DataTuff짰 Cat 6a 600V AWM IP20 RJ45 Cord Set, 1m
R605001 BELDEN-R605001 Datasheet
236Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 Metal-Body RJ45 Cord Set, 1m
R601001 BELDEN-R601001 Datasheet
235Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 Metal-Body RJ45 Cord Set, 1m
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com