Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1967J Datasheet (PDF) - Clare, Inc.

CPC1967J Datasheet PDF - Clare, Inc.
Part # CPC1967J
Download  CPC1967J Download
File Size   145.52 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description i4-PAC??Power Relay

CPC1967J Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC1967J Datasheet PDF - Clare, Inc.

Part # CPC1967J
Download  CPC1967J Click to download

File Size   145.52 Kbytes
Page   6 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description i4-PAC??Power Relay

CPC1967J Datasheet (HTML) - Clare, Inc.


CPC1967J Product details

Description

Clare and IXYS have combined to bring OptoMOS® technology, reliability and compact size to a new family of high power Solid State Relays. As part of this family, the CPC1967 single-pole normally open (1-Form-A) Solid State Power Relay is rated for up to 3.35Arms continuous load current with a 5°C/W heat sink.



Features

• 3.35Arms Load Current with 5°C/W Heat Sink

• Low 0.85Ω On-Resistance

• 400VP Blocking Voltage

• 2500Vrms Input/Output Isolation

• Low Thermal Resistance (0.35 °C/W)

• Electrically Non-conductive Thermal Pad for Heat Sink Applications

• Low Drive Power Requirements

• Arc-Free With No Snubbing Circuits

• No EMI/RFI Generation

• Machine Insertable, Wave Solderable



Applications

• Industrial Controls / Motor Control

• Robotics

• Medical Equipment—Patient/Equipment Isolation

• Instrumentation

• Multiplexers

• Data Acquisition

• Electronic Switching

• I/O Subsystems

• Meters (Watt-Hour, Water, Gas)

• Transportation Equipment

• Aerospace/Defense




Similar Part No. - CPC1967J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1967J CLARE-CPC1967J Datasheet
896Kb / 7P
i4-PAC??Power Relay
logo
IXYS Corporation
CPC1967J IXYS-CPC1967J Datasheet
200Kb / 7P
Low Drive Power Requirements
CPC1967J IXYS-CPC1967J Datasheet
196Kb / 3P
Power Relay Branding
More results


Similar Description - CPC1967J

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1978J CLARE-CPC1978J Datasheet
236Kb / 5P
i4-PAC??Power Relay
CPC1908 CLARE-CPC1908 Datasheet
151Kb / 6P
i4-PAC??Power Relay
CPC1977 CLARE-CPC1977 Datasheet
145Kb / 6P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978 Datasheet
152Kb / 6P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986 Datasheet
139Kb / 6P
i4-PAC??Power Relay
CPC1777 CLARE-CPC1777_10 Datasheet
915Kb / 7P
i4-PAC??DC Power Relay
CPC1908 CLARE-CPC1908_10 Datasheet
886Kb / 7P
i4-PAC??Power Relay
CPC1967 CLARE-CPC1967_11 Datasheet
896Kb / 7P
i4-PAC??Power Relay
CPC1978 CLARE-CPC1978_11 Datasheet
910Kb / 7P
i4-PAC??Power Relay
CPC1986 CLARE-CPC1986_11 Datasheet
888Kb / 7P
i4-PAC??Power Relay
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com