Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7595XC Datasheet (PDF) - Clare, Inc.

CPC7595XC Datasheet PDF - Clare, Inc.
Part # CPC7595XC
Download  CPC7595XC Download
File Size   562.66 Kbytes
Page   25 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Line Card Access Switch

CPC7595XC Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC7595XC Datasheet PDF - Clare, Inc.

Part # CPC7595XC
Download  CPC7595XC Click to download

File Size   562.66 Kbytes
Page   25 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description Line Card Access Switch

CPC7595XC Datasheet (HTML) - Clare, Inc.


CPC7595XC Product details

Description
The CPC7595 is a member of Clare’s next generation Line Card Access Switch (LCAS) family. This monolithic 10-pole line card access switch is available in a 20 or 28 pin SOIC or a 28 pin DFN package. It provides the necessary functions to replace three 2-Form-C electromechanical relays on analog line cards or combined voice and data line cards found in central office, access, and PBX equipment. The device contains solid state switches for tip and ring line break, ringing injection and test access.

Features
• Enhanced SW8, Ringing Test Switch, breakdown voltage
• TTL logic level inputs for 3.3V logic interfaces
• Smart logic for power up / hot plug state control
• Improved switch dv/dt immunity of 500 V/μs
• Small 20 pin or 28 pin SOIC or 28 pin, thermally enhanced dual, flat, no-lead (DFN) package
• DFN version provides 65% PCB area reduction over 4th generation EMRs
• Monolithic IC reliability
• Low, matched, RON
• Eliminates the need for zero-cross switching
• Flexible switch timing for transition from ringing mode to talk mode.
• Clean, bounce-free switching
• SLIC tertiary protection via integrated current limiting, voltage clamping and thermal shutdown
• 5 V operation with power consumption < 10.5 mW
• Intelligent battery monitor

Applications
• Standard voice linecards
• Integrated Voice and Data (IVD) linecards
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks




Similar Part No. - CPC7595XC

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7595 CLARE-CPC7595 Datasheet
664Kb / 24P
Line Card Access Switch
logo
IXYS Corporation
CPC7595 IXYS-CPC7595 Datasheet
1Mb / 25P
Line Card Access Switch
logo
Clare, Inc.
CPC7595BATR CLARE-CPC7595BATR Datasheet
664Kb / 24P
Line Card Access Switch
CPC7595BBTR CLARE-CPC7595BBTR Datasheet
664Kb / 24P
Line Card Access Switch
CPC7595BCTR CLARE-CPC7595BCTR Datasheet
664Kb / 24P
Line Card Access Switch
More results


Similar Description - CPC7595XC

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
Line Card Access Switch
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com