Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB1106W Datasheet (PDF) - STANLEY ELECTRIC CO.,LTD.

UB1106W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.
Part # UB1106W
Download  UB1106W Download
File Size   312.32 Kbytes
Page   16 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Super Wide Angle Type (h=1.3 mm)

UB1106W Datasheet (PDF)

Go To PDF Page Download Datasheet
UB1106W Datasheet PDF - STANLEY ELECTRIC CO.,LTD.

Part # UB1106W
Download  UB1106W Click to download

File Size   312.32 Kbytes
Page   16 Pages
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.
Description Single Color Super Wide Angle Type (h=1.3 mm)

UB1106W Datasheet (HTML) - STANLEY ELECTRIC CO.,LTD.


UB1106W Product details

Product features
• Outer Dimension 2.5 x 2.0 x 1.3mm ( L x W x H )
• Temperature range
    Storage Temperature : -40℃~120℃
    Operating Temperature : -40℃~100℃
• Lead–free soldering compatible
• RoHS compliant




Similar Part No. - UB1106W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1104B STANLEY-UB1104B Datasheet
269Kb / 18P
Single Color Ultra High Brightness Type
UB1105C-0005 STANLEY-UB1105C-0005 Datasheet
316Kb / 17P
Single Color Super Wide Angle Type (h=0.5 mm)
UB1105W-TR STANLEY-UB1105W-TR Datasheet
201Kb / 3P
LEDs shall be sorted out into the following 5 ranks of Luminous Intensity
More results


Similar Description - UB1106W

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
1101F STANLEY-1101F Datasheet
367Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
PY1105CK STANLEY-PY1105CK Datasheet
205Kb / 12P
Single Color Super Wide Angle ( h=0.5 mm)
YPY1105C-0005 STANLEY-YPY1105C-0005 Datasheet
255Kb / 14P
Single Color Super Wide Angle Type (h=0.5 mm)
FR1106W STANLEY-FR1106W Datasheet
216Kb / 13P
Single Color Super Wide Angle Type (h=1.3 mm)
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
Single Color 1608 (h=0.4 mm) Type
UB1105C-0005 STANLEY-UB1105C-0005 Datasheet
316Kb / 17P
Single Color Super Wide Angle Type (h=0.5 mm)
UB1114C-0005 STANLEY-UB1114C-0005 Datasheet
326Kb / 17P
Single Color 1608 (h=0.4 mm) Type
NU1106W STANLEY-NU1106W Datasheet
363Kb / 11P
Single Color Super Wide Angle Type (t=1.3 mm)
SB1118C-0002 STANLEY-SB1118C-0002 Datasheet
250Kb / 14P
Single Color 1608 (h=0.35 mm) Type
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
Single Color Right Angle Type (3.0 X 2.0 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com