Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJRB461F Datasheet (PDF) - Pan Jit International Inc.

PJRB461F Datasheet PDF - Pan Jit International Inc.
Part # PJRB461F
Download  PJRB461F Download
File Size   89.69 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE

PJRB461F Datasheet (PDF)

Go To PDF Page Download Datasheet
PJRB461F Datasheet PDF - Pan Jit International Inc.

Part # PJRB461F
Download  PJRB461F Click to download

File Size   89.69 Kbytes
Page   3 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SURFACE MOUNT SCHOTTKY DIODE

PJRB461F Datasheet (HTML) - Pan Jit International Inc.


PJRB461F Product details

VOLTAGE 25 Volt CURRENT 700 mA

FEATURES
• IF guaranteed at 0.7A
• Ultra-Low VF (0.28V typical @100mA,75 OC)
• Extremely fast switching speed
• Surface mount package ideally suited for automatic insertion
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case: SOT-323, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Marking : B1
• Approx. Weight: 0.0002 ounces, 0.005 grams




Similar Part No. - PJRB461F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJRB461F PANJIT-PJRB461F Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
May 17,2016REV.
PJRB461F PANJIT-PJRB461F_09 Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F_16 Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F_R1_00001 PANJIT-PJRB461F_R1_00001 Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F_R1_00001 PANJIT-PJRB461F_R1_00001 Datasheet
422Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
May 17,2016REV.
More results


Similar Description - PJRB461F

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
CMWSH-4 CENTRAL-CMWSH-4 Datasheet
114Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
Surface Mount Schottky Diode
logo
Pan Jit International I...
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
Surface mount schottky diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com