Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSD03W Datasheet (PDF) - Pan Jit International Inc.

PJSD03W Datasheet PDF - Pan Jit International Inc.
Part # PJSD03W
Download  PJSD03W Download
File Size   97.76 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS

PJSD03W Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSD03W Datasheet PDF - Pan Jit International Inc.

Part # PJSD03W
Download  PJSD03W Click to download

File Size   97.76 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS

PJSD03W Datasheet (HTML) - Pan Jit International Inc.


PJSD03W Product details

VOLTAGE 3~36 Volt POWER 350 Watt

FEATURES
• 350 Watts peak pules power (tp=8/20μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’S in ESD protection applications
• Low clamping voltage and leakage current
• IEC 61000-4-2 (ESD) +15kV (air), +8kV (contact)
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard

APPLICATIONS
• Case : SOD-323 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Polarity : Color band cathode
• Apporx. Weight : 0.0001 ounce, 0.0041 gram




Similar Part No. - PJSD03W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03W PANJIT-PJSD03W Datasheet
105Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03W-AU_R1_000A1 PANJIT-PJSD03W-AU_R1_000A1 Datasheet
87Kb / 7P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03W-AU_R2_000A1 PANJIT-PJSD03W-AU_R2_000A1 Datasheet
87Kb / 7P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03W PANJIT-PJSD03W_10 Datasheet
105Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Similar Description - PJSD03W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-AU PANJIT-PJSD05TS-AU Datasheet
82Kb / 6P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com