Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7407 Datasheet (PDF) - Silicon Supplies

7407 Datasheet PDF - Silicon Supplies
Part # 7407_V01
Download  7407 Download
File Size   379.26 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Bipolar TTL Logic

7407 Datasheet (PDF)

Go To PDF Page Download Datasheet
7407 Datasheet PDF - Silicon Supplies

Part # 7407_V01
Download  7407 Click to download

File Size   379.26 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Bipolar TTL Logic

7407 Datasheet (HTML) - Silicon Supplies


7407 Product details

Features
 High Sink-Current Capability: 40mA
 High Voltage Open-Collector Driver
 Minimum breakdown voltage: 30V
 Input Clamp Diodes minimize transmission-line effects
 TTL compatible inputs
 Direct drop-in replacement for obsolete components in
long term programs.




Similar Part No. - 7407_V01

ManufacturerPart #DatasheetDescription
logo
Myrra
74070 MYRRA-74070 Datasheet
318Kb / 1P
FLYBACK TRANSFORMER
logo
Molex Electronics Ltd.
74076 MOLEX-74076 Datasheet
30Kb / 2P
VHDM-HSD Backplane Connectors
08/14/2018
74076-0001 MOLEX-74076-0001 Datasheet
609Kb / 2P
2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74076-0001 MOLEX8-74076-0001 Datasheet
214Kb / 3P
VHDM-HSD??Free-Standing Guide Pin
74076-0001.. MOLEX-74076-0001.. Datasheet
30Kb / 2P
VHDM-HSD Backplane Connectors
08/14/2018
More results


Similar Description - 7407_V01

ManufacturerPart #DatasheetDescription
logo
NEC
UPB6100 NEC-UPB6100 Datasheet
782Kb / 10P
BIPOLAR TTL GATE ARRAYS
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
TTL logic output
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
TTL logic output
logo
NEC
UPB421C NEC-UPB421C Datasheet
234Kb / 6P
2048 BIT BIPOLAR TTL
UPB424C NEC-UPB424C Datasheet
213Kb / 5P
4096 BIT BIPOLAR TTL
logo
Silicon Supplies
5406 SS-5406 Datasheet
295Kb / 4P
Bipolar TTL Logic
7406 SS-7406 Datasheet
295Kb / 4P
Bipolar TTL Logic
5407 SS-5407 Datasheet
440Kb / 4P
Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
Bipolar TTL Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com