Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC373 Datasheet (PDF) - Silicon Supplies

74VHC373 Datasheet PDF - Silicon Supplies
Part # 74VHC373
Download  74VHC373 Download
File Size   797.72 Kbytes
Page   7 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Very High Speed CMOS Logic

74VHC373 Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC373 Datasheet PDF - Silicon Supplies

Part # 74VHC373
Download  74VHC373 Click to download

File Size   797.72 Kbytes
Page   7 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Very High Speed CMOS Logic

74VHC373 Datasheet (HTML) - Silicon Supplies


74VHC373 Product details

Features
High Speed: tPD = 7.2ns (MAX) VCC = 5V
Outputs Sink/Source 8mA
Outputs directly interface CMOS, NMOS and TTL
Low Input Current: 1μA
Operating Voltage Range: 2V to 5.5V
Replacement for 74HC373, 74AC373, 74AHC373




Similar Part No. - 74VHC373

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
logo
Fairchild Semiconductor
74VHC373 FAIRCHILD-74VHC373 Datasheet
104Kb / 8P
Octal D-Type Latch with 3-STATE Outputs
logo
STMicroelectronics
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
306Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
12-Nov-2004
logo
Fairchild Semiconductor
74VHC373 FAIRCHILD-74VHC373 Datasheet
209Kb / 9P
Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC373 ONSEMI-74VHC373 Datasheet
280Kb / 11P
Octal D-Type Latch with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Similar Description - 74VHC373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
Very High Speed CMOS Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com