Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4011B Datasheet (PDF) - Silicon Supplies

CD4011B Datasheet PDF - Silicon Supplies
Part # CD4011B
Download  CD4011B Download
File Size   274.86 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4011B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4011B Datasheet PDF - Silicon Supplies

Part # CD4011B
Download  CD4011B Click to download

File Size   274.86 Kbytes
Page   4 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4011B Datasheet (HTML) - Silicon Supplies


CD4011B Product details

Features
High Input Voltage up to 20V
Symmetrical Output Characteristics
Max input current 1μA at 18V over full Military
Temperature Range
Low Power TTL compatible
Specified at 5V, 10V & 15V
Direct drop-in replacement for obsolete
components in long term programs.




Similar Part No. - CD4011B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Unisonic Technologies
CD4011B UTC-CD4011B Datasheet
176Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
logo
Texas Instruments
CD4011B TI1-CD4011B Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011B TI1-CD4011B Datasheet
1Mb / 20P
CMOS NAND GATES
logo
Silicon Supplies
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
More results


Similar Description - CD4011B

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com