Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4049B Datasheet (PDF) - Silicon Supplies

CD4049B Datasheet PDF - Silicon Supplies
Part # CD4049B_V01
Download  CD4049B Download
File Size   294.25 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4049B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4049B Datasheet PDF - Silicon Supplies

Part # CD4049B_V01
Download  CD4049B Click to download

File Size   294.25 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS High Voltage Logic

CD4049B Datasheet (HTML) - Silicon Supplies


CD4049B Product details

Features
High Input Voltage up to 20V
Inputs allow voltages greater than VDD
High Source and Sink Currents
x2 TTL load drive over Military Temperature range
Specified at 5V, 10V & 15V
Direct drop-in replacement for obsolete
components in long term programs.




Similar Part No. - CD4049B_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049BCJ NSC-CD4049BCJ Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Texas Instruments
CD4049BE TI1-CD4049BE Datasheet
1Mb / 37P
CMOS Hex Buffer/Converters
logo
National Semiconductor ...
CD4049BMJ NSC-CD4049BMJ Datasheet
129Kb / 6P
Hex Inverting,Non-Inverting Buffer
logo
Intersil Corporation
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
CMOS Hex Buffer/Converter
December 1992
More results


Similar Description - CD4049B_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
CD4001B SS-CD4001B Datasheet
522Kb / 4P
CMOS High Voltage Logic
CD4011B SS-CD4011B Datasheet
519Kb / 4P
CMOS High Voltage Logic
CD4013B SS-CD4013B Datasheet
692Kb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B Datasheet
671Kb / 5P
CMOS High Voltage Logic
CD4046B SS-CD4046B Datasheet
932Kb / 8P
CMOS High Voltage Logic
CD4049B SS-CD4049B Datasheet
608Kb / 5P
CMOS High Voltage Logic
CD4053B SS-CD4053B Datasheet
706Kb / 6P
CMOS High Voltage Logic
CD4073B SS-CD4073B Datasheet
521Kb / 5P
CMOS High Voltage Logic
LM137 SS-LM137 Datasheet
2Mb / 6P
CMOS High Voltage Logic
CD4030B SS-CD4030B_V01 Datasheet
403Kb / 5P
CMOS High Voltage Logic
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com