Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM135A Datasheet (PDF) - Silicon Supplies

LM135A Datasheet PDF - Silicon Supplies
Part # LM135A
Download  LM135A Download
File Size   667.24 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Analog Temperature Sensor

LM135A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM135A Datasheet PDF - Silicon Supplies

Part # LM135A
Download  LM135A Click to download

File Size   667.24 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Analog Temperature Sensor

LM135A Datasheet (HTML) - Silicon Supplies


LM135A Product details

Features
Wide temperature range: -55 to +150°C
0.3% typical accuracy at 25°C
Single-point calibration for high precision
Operates from 450μA to 5mA
<1Ω dynamic impedance
Linear output
Intermittent operation capability at 200°C
Small size for high integration




Similar Part No. - LM135A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135A NSC-LM135A Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM135A TI-LM135A Datasheet
1Mb / 28P
LMx35, LMx35A Precision Temperature Sensors
logo
Silicon Supplies
LM135A SS-LM135A Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
Texas Instruments
LM135A TI2-LM135A Datasheet
1Mb / 33P
LMx35, LMx35A Precision Temperature Sensors
REVISED FEBRUARY 2015
logo
STMicroelectronics
LM135AD STMICROELECTRONICS-LM135AD Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
More results


Similar Description - LM135A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
logo
Silicon Supplies
SIS60A SS-SIS60A Datasheet
544Kb / 6P
Analog Temperature Sensor
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335A SS-LM335A Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com