Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6C331-STR Datasheet (PDF) - Solid State Inc

AD6C331-STR Datasheet PDF - Solid State Inc
Part # AD6C331-STR
Download  AD6C331-STR Download
File Size   360.52 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 6 pin DIP/SMD Package

AD6C331-STR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6C331-STR Datasheet PDF - Solid State Inc

Part # AD6C331-STR
Download  AD6C331-STR Click to download

File Size   360.52 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 6 pin DIP/SMD Package

AD6C331-STR Datasheet (HTML) - Solid State Inc


AD6C331-STR Product details

Features
 Compact 6 pin DIP/SMD Package
 High Input-to-Output Isolation (up to 5VRMS)
 Low Input Control Current (2.5mA TYP)
 200mA Maximum Continuous Load Current
 Low On Resistance (6 TYP)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Description
The AD6C331 is a bi-directional, single-pole, single-throw,
normally open multipurpose solid-state relay in a compact 6
pin DIP package. It is designed to replace
electromechanical relays in general purpose switching
applications. The relay consists of an IR LED optically
coupled to an IC that drives two rugged source-to-source
enhancement type DMOS transistors. The device comes
with up to 5kV input to output isolation.
The AD6C331 comes standard in a compact 6 pin DIP
package making it ideal for high-density board applications.

Applications
 Reed Relay Replacement
 Security Systems
 Meter Reading Equipment
 Data Acquisition
 Battery Monitoring
 Multiplexers




Similar Part No. - AD6C331-STR

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
More results


Similar Description - AD6C331-STR

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
MD601 SSOUSA-MD601 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com