Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6C742 Datasheet (PDF) - Solid State Inc

AD6C742 Datasheet PDF - Solid State Inc
Part # AD6C742
Download  AD6C742 Download
File Size   360.9 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 6 pin DIP/SMD Package

AD6C742 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6C742 Datasheet PDF - Solid State Inc

Part # AD6C742
Download  AD6C742 Click to download

File Size   360.9 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Compact 6 pin DIP/SMD Package

AD6C742 Datasheet (HTML) - Solid State Inc


AD6C742 Product details

Description
The AD6C742 is a bi-directional, single-pole, single-throw,
normally closed multipurpose relay. It is designed to
replace electro-mechanical relays in general purpose
switching applications. The relay consists of an integrated
circuit that drives two rugged drain-to-drain depletion type
DMOS transistors - optically coupled to a light emitting
diode. The AD6C742 has an extremely low on resistance
(500mΩ TYP) and high load current capability (800mA),
giving the device unparalleled performance for a normally
closed relay.
The AD6C742 comes standard in a compact 6 pin DIP
package making it ideal for high-density board applications.

Features
 Compact 6 pin DIP/SMD Package
 High Input-to-Output Isolation (up to 5VRMS)
 Low Input Control Current (2.5mA TYP)
 800mA Maximum Continuous Load Current
 Low On Resistance (500m TYP)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Reed Relay Replacement
 Security Systems
 Meter Reading Equipment
 Data Acquisition
 Battery Monitoring
 Multiplexers




Similar Part No. - AD6C742

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
More results


Similar Description - AD6C742

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
Compact 6 pin DIP/SMD Package
MD601 SSOUSA-MD601 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com