Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS17601 Datasheet (PDF) - Silicon Supplies

SIS17601 Datasheet PDF - Silicon Supplies
Part # SIS17601
Download  SIS17601 Download
File Size   877.03 Kbytes
Page   8 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Dual MOSFET Driver

SIS17601 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS17601 Datasheet PDF - Silicon Supplies

Part # SIS17601
Download  SIS17601 Click to download

File Size   877.03 Kbytes
Page   8 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Dual MOSFET Driver

SIS17601 Datasheet (HTML) - Silicon Supplies


SIS17601 Product details

Features
Wide single-supply voltage range +4V to +14V
Input voltage spike protection up to +14V
Up to 4A peak output current (Sink/Source)
High speed: 5ns/5ns tr/tf typical at 1nF load
Propagation delay matched between channels
Low input capacitance: 10pF (typ)
Thermal shutdown
Committed long term support with no die mask changes
Military temperature range.




Similar Part No. - SIS17601

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
More results


Similar Description - SIS17601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75372 TI-SN75372 Datasheet
164Kb / 11P
DUAL MOSFET DRIVER
logo
Analog Devices
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
Dual Bootstrapped MOSFET Driver
REV.0
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
Dual Bootstrapped MOSFET Driver
08/02-Data Sheet changed from REV. 0 to REV. A.
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
Dual Power MOSFET Driver
April 4, 2006
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
Dual MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
DUAL MOSFET DRIVER
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
Dual Power MOSFET Driver
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
DUAL MOSFET DRIVER
JULY 1986
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com