Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS7660 Datasheet (PDF) - Silicon Supplies

SIS7660 Datasheet PDF - Silicon Supplies
Part # SIS7660
Download  SIS7660 Download
File Size   967.02 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS Voltage Converter

SIS7660 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS7660 Datasheet PDF - Silicon Supplies

Part # SIS7660
Download  SIS7660 Click to download

File Size   967.02 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS Voltage Converter

SIS7660 Datasheet (HTML) - Silicon Supplies


SIS7660 Product details

Features
Conversion of +5V Logic Supply to -5V
Simple voltage multiplication (VOUT = (-) nVIN)
Latch-up free via internal logic bias sense
Typical open-circuit voltage conversion efficiency
99.9%
Typical power efficiency 98%
Wide Operating Voltage Range 1.5V to 10.0V
Requires only x2 non-critical capacitors
Direct replacement for industry standard ICL7660
Full military temperature range.




Similar Part No. - SIS7660

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
CMOS Voltage Converter
More results


Similar Description - SIS7660

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
100mA CMOS Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
CMOS Voltage Converter
January 9, 2006
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
12V CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
CMOS Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com