Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317A Datasheet (PDF) - Silicon Supplies

LM317A Datasheet PDF - Silicon Supplies
Part # LM317A
Download  LM317A Download
File Size   498.61 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

LM317A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317A Datasheet PDF - Silicon Supplies

Part # LM317A
Download  LM317A Click to download

File Size   498.61 Kbytes
Page   6 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

LM317A Datasheet (HTML) - Silicon Supplies


LM317A Product details

Features
Output current in excess of 1.5A
Adjustable output between 1.2V - 37V
Internal short circuit current limit
Internal thermal overload protection
Output transistor Safe-Area Compensation
Floating operation for high voltage applications
0.01% Line, 1% Load regulation maximum
Negative Voltage complement is LM337




Similar Part No. - LM317A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317A NSC-LM317A Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM317A NSC-LM317A Datasheet
1,013Kb / 28P
3-Terminal Adjustable Regulator
logo
Unisonic Technologies
LM317A UTC-LM317A Datasheet
256Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A Datasheet
227Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - LM317A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com