Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-T7296 Datasheet (PDF) - Exar Corporation

XR-T7296 Datasheet PDF - Exar Corporation
Part # XR-T7296
Download  XR-T7296 Download
File Size   173.68 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/STS-1, E3 Integrated Line Transmitter

XR-T7296 Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-T7296 Datasheet PDF - Exar Corporation

Part # XR-T7296
Download  XR-T7296 Click to download

File Size   173.68 Kbytes
Page   16 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DS3/STS-1, E3 Integrated Line Transmitter

XR-T7296 Datasheet (HTML) - Exar Corporation


XR-T7296 Product details

GENERAL DESCRIPTION
The XR-T7296 is a fully integrated PCM Line Driver IC intended for DS3 (44.736Mbps) or E3 (34.368Mbps) applications. It can also be used for transmitting SONET STS-1 (51.84Mbps) signals over coaxial cable. The IC is designed to complement either XR-T7295 DS3/SONET STS-1 or XR-T7295E E3 Integrated Line Receivers. The XR-T7296 converts input clock and dual-rail unipolar data into AMI pulses according to AT&T Technical Advisory No. 34 or CCITT G.703 recommendations.

FEATURES
• Fully Integrated Transmit Interface for DS3/STS-1 or E3
• Integrated Pulse Shaping Circuit
• Compliance with Compatibility Bulletin 119
• Compliance with CCITT Recommendations G.703 & G.824
• Compliance with Bellcore TR-NWT-000499
• Compliance with ANSI T1.404
• Built-in B3ZS/HDB3 Encoder and Decoder
• Remote and Local Loopback Functions
• Single 5V Power Supply

APPLICATIONS
• Interface for SONET, DS-3 and E3 Network Equipment
• Digital Cross-Connect Systems
• CSU/DSU Equipment
• PCM Test Equipment
• Fiber Optic Terminals




Similar Part No. - XR-T7296

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T7295 EXAR-XR-T7295 Datasheet
226Kb / 20P
DS3/Sonet STS-1 Integrated Line Receiver
XR-T7295E EXAR-XR-T7295E Datasheet
1Mb / 16P
INTEGRATED LINE RECEIVER
XR-T7295E-1EIP EXAR-XR-T7295E-1EIP Datasheet
1Mb / 16P
INTEGRATED LINE RECEIVER
XR-T7295E-1EIW EXAR-XR-T7295E-1EIW Datasheet
1Mb / 16P
INTEGRATED LINE RECEIVER
XR-T7295IP EXAR-XR-T7295IP Datasheet
226Kb / 20P
DS3/Sonet STS-1 Integrated Line Receiver
More results


Similar Description - XR-T7296

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7298 EXAR-XRT7298 Datasheet
582Kb / 16P
DS3/STS-1, E3 INTEGRATED LINE TRANSMITTER
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7296 EXAR-XRT7296_10 Datasheet
124Kb / 2P
XRT7296 DS3 STS-1 E3 Integrated Line Transmitter
logo
M/A-COM Technology Solu...
28333-BRF-001-A MA-COM-28333-BRF-001-A Datasheet
120Kb / 4P
DS3/E3/STS-1 Line lnterface Unit
29306-BRF-001-A MA-COM-29306-BRF-001-A Datasheet
511Kb / 2P
6-Port DS3/E3/STS-1 Integrated Line Termination
29320-BRF-001-A MA-COM-29320-BRF-001-A Datasheet
502Kb / 2P
12-Port DS3/E3/STS-1 Electrical Integrated Line
28333-BRF-001-A MA-COM-28333-BRF-001-A_15 Datasheet
120Kb / 4P
DS3/E3/STS-1 Line lnterface Unit
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com