Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SISA4080 Datasheet (PDF) - Silicon Supplies

SISA4080 Datasheet PDF - Silicon Supplies
Part # SISA4080
Download  SISA4080 Download
File Size   400.4 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Current Sense Amplifier

SISA4080 Datasheet (PDF)

Go To PDF Page Download Datasheet
SISA4080 Datasheet PDF - Silicon Supplies

Part # SISA4080
Download  SISA4080 Click to download

File Size   400.4 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Current Sense Amplifier

SISA4080 Datasheet (HTML) - Silicon Supplies


SISA4080 Product details

Features
Industry smallest form factor
Power supply range: 4.5V to 76V
Input common-mode range: 4.5V to 76V
Unidirectional ISENSE
Fixed Gain: 60 V/V
Gain accuracy: 0.1%
Offset Voltage: 100μV
Input Bias Current: 5μA
Bandwidth: 270 kHz minimum
Quiescent Current: 75μA
PSRR (DC): 122 dB
CMRR (DC): 124 dB
Wide automotive temperature range.




Similar Part No. - SISA4080

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
More results


Similar Description - SISA4080

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
Current Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
Current Sense Amplifier
Rev.001 Oct.2022
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com