Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3927DS7-13 Datasheet (PDF) - Diodes Incorporated

AP3927DS7-13 Datasheet PDF - Diodes Incorporated
Part # AP3927DS7-13
Download  AP3927DS7-13 Download
File Size   649.77 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-PERFORMANCE AC-DC OFFLINE REGULATOR

AP3927DS7-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3927DS7-13 Datasheet PDF - Diodes Incorporated

Part # AP3927DS7-13
Download  AP3927DS7-13 Click to download

File Size   649.77 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH-PERFORMANCE AC-DC OFFLINE REGULATOR

AP3927DS7-13 Datasheet (HTML) - Diodes Incorporated


AP3927DS7-13 Product details

Features
• Universal 85VAC to 277VAC Input Range
• Internal MOSFET of 700V
• Maximal Peak Current: 650mA Typical
• Typical Output Current: 360mA
• Improved Constant Voltage: ±5%
• Low No-Load Power Consumption
• No Audible Noise Solution
• Support Topology: Buck, Boost, Buck-Boost
• Frequency Dithering to Suppress EMI
• Various Protections
▪ OTP (Overtemperature Protection)
▪ OLP (Overload Protection)
▪ SCP (Short-Circuit Protection)
• SO-7 (Type B) Package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/

Applications
• IoT applications: smoke detectors, fire alarms
• Non-isolated home appliances: AC fans, rice cookers, shavers,
milk machines, ceiling lights
• Industrial controls
• Standby and auxiliary power supply units




Similar Part No. - AP3927DS7-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3927DS7-13 DIODES-AP3927DS7-13 Datasheet
274Kb / 2P
Low Standby Power, High-Voltage, Non-Isolated Buck Power Switcher for Appliances and IoT
January 2025
More results


Similar Description - AP3927DS7-13

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1103 LINER-LT1103 Datasheet
452Kb / 32P
Offline Switching Regulator
logo
ON Semiconductor
NCP1651 ONSEMI-NCP1651_06 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
logo
Texas Instruments
LM3444MM TI1-LM3444MM Datasheet
971Kb / 30P
AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
AC-DC Offline LED Driver
LM3444 TI1-LM3444_14 Datasheet
965Kb / 27P
AC-DC Offline LED Driver
logo
Linear Technology
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
Offline Switching Regulator
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
Offline Switching Regulator
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
AC-DC Offline LED Driver
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
900V Offline Switching Regulator
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
Switch Mode Transformer for AC/DC offline Applications
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com