Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002W Datasheet (PDF) - TRANSYS Electronics Limited

2N7002W Datasheet PDF - TRANSYS Electronics Limited
Part # 2N7002W
Download  2N7002W Download
File Size   112.83 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2N7002W Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002W Datasheet PDF - TRANSYS Electronics Limited

Part # 2N7002W
Download  2N7002W Click to download

File Size   112.83 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2N7002W Datasheet (HTML) - TRANSYS Electronics Limited


2N7002W Product details

MOSFET ( N-Channel )



FEATURES

  Power dissipation

     PD : 0.2 W (Tamb=25℃)

  Collector current

     ID: 115 mA

  Collector-base voltage

     VDS: 60 V

  Operating and storage junction temperature range

     TJ, Tstg: -55℃ to +150℃



 




Similar Part No. - 2N7002W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
68Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 4P-1
logo
Weitron Technology
2N7002W WEITRON-2N7002W Datasheet
104Kb / 4P
N-Channel MOSFET
logo
Diodes Incorporated
2N7002W DIODES-2N7002W Datasheet
81Kb / 3P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30099 Rev. 9 - 2
logo
Pan Jit International I...
2N7002W PANJIT-2N7002W Datasheet
161Kb / 5P
60V N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
2N7002W FAIRCHILD-2N7002W Datasheet
266Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - 2N7002W

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com