Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1203 Datasheet (PDF) - TRANSYS Electronics Limited

2SA1203 Datasheet PDF - TRANSYS Electronics Limited
Part # 2SA1203
Download  2SA1203 Download
File Size   101.57 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulate Transistors

2SA1203 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1203 Datasheet PDF - TRANSYS Electronics Limited

Part # 2SA1203
Download  2SA1203 Click to download

File Size   101.57 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulate Transistors

2SA1203 Datasheet (HTML) - TRANSYS Electronics Limited


2SA1203 Product details

SOT-89 Plastic-Encapsulate Transistors

TRANSISTOR (PNP)



FEATURES

Power dissipation

  PCM  : 0.5 W (Tamb=25℃)

Collector current

  ICM  : -1.5 A

Collector-base voltage

  V(BR)CBO: -30 V

Operating and storage junction temperature range 

   TJ, Tstg: -55℃to +150℃




Similar Part No. - 2SA1203

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203 Datasheet
156Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SA1203 TOSHIBA-2SA1203 Datasheet
128Kb / 4P
Audio Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203 Datasheet
140Kb / 4P
Audio Frequency Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SA1203 HTSEMI-2SA1203 Datasheet
189Kb / 1P
TRANSISTOR(PNP)
More results


Similar Description - 2SA1203

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com