Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1309A Datasheet (PDF) - TRANSYS Electronics Limited

2SA1309A Datasheet PDF - TRANSYS Electronics Limited
Part # 2SA1309A
Download  2SA1309A Download
File Size   91.68 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SA1309A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1309A Datasheet PDF - TRANSYS Electronics Limited

Part # 2SA1309A
Download  2SA1309A Click to download

File Size   91.68 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description Plastic-Encapsulated Transistors

2SA1309A Datasheet (HTML) - TRANSYS Electronics Limited


2SA1309A Product details

FEATURES
Power dissipation
   PCM : 0.3 W (Tamb=25℃)
Collector current
   ICM : -0.1 A
Collector-base voltage
   V(BR)CBO : -60 V
Operating and storage junction temperature range
   TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SA1309A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA1309A PANASONIC-2SA1309A Datasheet
35Kb / 2P
Silicon PNP epitaxial planer type
2SA1309A PANASONIC-2SA1309A Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
logo
SHENZHEN YONGERJIA INDU...
2SA1309A WINNERJOIN-2SA1309A Datasheet
143Kb / 2P
TRANSISTOR (PNP)
logo
Jiangsu Changjiang Elec...
2SA1309A JIANGSU-2SA1309A Datasheet
518Kb / 3P
TO-92S Plastic-Encapsulate Transistors
More results


Similar Description - 2SA1309A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com