Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C4K64 Datasheet (PDF) - MUSIC Semiconductors

MU9C4K64 Datasheet PDF - MUSIC Semiconductors
Part # MU9C4K64
Download  MU9C4K64 Download
File Size   1039.89 Kbytes
Page   35 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description MU9C RCP Family

MU9C4K64 Datasheet (PDF)

Go To PDF Page Download Datasheet
MU9C4K64 Datasheet PDF - MUSIC Semiconductors

Part # MU9C4K64
Download  MU9C4K64 Click to download

File Size   1039.89 Kbytes
Page   35 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description MU9C RCP Family

MU9C4K64 Datasheet (HTML) - MUSIC Semiconductors


MU9C4K64 Product details

GENERAL DESCRIPTION
The MU9C RCP family consists of 4K, 8K, 16K, 24K, and 32K x 64-bit Routing Co-Processors (RCP’s) with a 32-bit wide data interface and a 32-bit ternary compare instruction. The device is designed for use in layer 3 switches, routers, and layer 2 switches to provide very high throughput address translation using tables held in external RAM. The MU9C RCP has a fully deterministic search time, independent of the size of the list and the position of the data in the list. This unique feature guarantees that the wire speed address recognition does not impact the latency or induce jitter on the latency of the global system.

DISTINCTIVE CHARACTERISTICS
• 4K, 8K, 16K, 24K, and 32K x 64-bit words
• 32-bit ternary or 64-bit binary compares
• 35 ns deterministic compare and output time
• 32-bit Data I/O port
• 16-bit Match Address Output port
• Address/Control bus directly controls device operations for faster operation or higher throughput
• Seven selectable mask registers
• Synchronous operation
• Cascadable for increased depth
• Extensive set of control states for flexibility
• JTAG interface
• 4K and 8K; 100-pin LQFP package
• 16K, 24K, and 32K; 35mm BGA package
• 3.3 Volt operation
• Lead-free, fully RoHS compatible package available

APPLICATION BENEFITS
• Longest Prefix Match searches of IPv4 addresses
• 28 Million IPv4 packets per second supports up to 18 Gb Ethernet or 7 OC-48 ATM ports at wire speed
• Longest Prefix Match searches of IPv4 addresses
• Exact match on MAC addresses
• Processes DA and SA within 190 ns, supporting three ports of 1 Gb or 34 ports of 100 Mb Ethernet at wire speed
• Mixed mode L3 and L2 single search engine for two ports at 1 Gb or 29 ports of 100 Mb Ethernet at wire speed
• Directly addresses external RAM containing associated data of any width
• Hardware control states directly address memory and registers; Instruction and Status registers for optional software control




Similar Part No. - MU9C4K64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C4K64-12 ETC-MU9C4K64-12 Datasheet
611Kb / 30P
MU9C Routing Coprocessor (RCP) Family
MU9C4K64-12TDC ETC-MU9C4K64-12TDC Datasheet
611Kb / 30P
MU9C Routing Coprocessor (RCP) Family
MU9C4K64-12TDI ETC-MU9C4K64-12TDI Datasheet
611Kb / 30P
MU9C Routing Coprocessor (RCP) Family
MU9C4K64-50TDC ETC-MU9C4K64-50TDC Datasheet
611Kb / 30P
MU9C Routing Coprocessor (RCP) Family
MU9C4K64-70TDC ETC-MU9C4K64-70TDC Datasheet
611Kb / 30P
MU9C Routing Coprocessor (RCP) Family
More results


Similar Description - MU9C4K64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MU9C4K64-12 ETC-MU9C4K64-12 Datasheet
611Kb / 30P
MU9C Routing Coprocessor (RCP) Family
logo
MUSIC Semiconductors
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC Datasheet
318Kb / 18P
MUAA Routing Co-Processor (RCP) Family
MUAA2K80-20QGC MUSIC-MUAA2K80-20QGC_03 Datasheet
400Kb / 24P
MUAA Routing CoProcessor (RCP) Family
logo
Sumida Corporation
RCP1317 SUMIDA-RCP1317_06 Datasheet
201Kb / 2P
POWER INDUCTORS < Pin Type: RCP Series >
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
POWER INDUCTORS
logo
PHOENIX CONTACT
2904895 PHOENIX-2904895 Datasheet
50Kb / 1P
Holder - PACT RCP-CLAMP
2904922 PHOENIX-2904922 Datasheet
65Kb / 4P
Current transformer - PACT RCP-4000A-1A-D140
2906231 PHOENIX-2906231 Datasheet
91Kb / 6P
Current transformer - PACT RCP-4000A-UIRO-D95
09/12/2020
2906234 PHOENIX-2906234 Datasheet
91Kb / 6P
Current transformer - PACT RCP-4000A-UIRO-PT-D95
09/12/2020
2906235 PHOENIX-2906235 Datasheet
91Kb / 6P
Current transformer - PACT RCP-4000A-UIRO-PT-D140
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com