Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C4485A Datasheet (PDF) - MUSIC Semiconductors

MU9C4485A Datasheet PDF - MUSIC Semiconductors
Part # MU9C4485A
Download  MU9C4485A Download
File Size   161.3 Kbytes
Page   28 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description WidePort LANCAM짰 Family

MU9C4485A Datasheet (PDF)

Go To PDF Page Download Datasheet
MU9C4485A Datasheet PDF - MUSIC Semiconductors

Part # MU9C4485A
Download  MU9C4485A Click to download

File Size   161.3 Kbytes
Page   28 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description WidePort LANCAM짰 Family

MU9C4485A Datasheet (HTML) - MUSIC Semiconductors


MU9C4485A Product details

GENERAL DESCRIPTION
The MU9C4485A/L, MU9C2485A/L, and MU9C1485A/L WidePort LANCAMs are 64-bit wide content-addressable memories (CAMs), featuring a 32-bit wide interface. This interface doubles the available I/O bandwidth in many applications while maintaining the same powerful enhanced architecture and instruction set as the MU9C2480A/L.

DISTINCTIVE CHARACTERISTICS
➤ 4096 (4485A/L), 2048 (2485A/L), and 1024 (1485A/L) word CMOS content-addressable memories (CAMs)
➤ 64-bit word width
➤ 32-bit I/O compatible with the MU9C1485
➤ Fast 50 ns compare speed
➤ Dual configuration register set for rapid context switching
➤ Increased flexibility of MUSIC’s patented CAM/RAM partitioning
➤ 80-pin TQFP package with the same pinout as the MU9C1485 and MU9C1965A/L
➤ 5 volt (A) or 3.3 volt (L) operation

APPLICATION BENEFITS
Enhances Ethernet and Token-Ring LAN bridges and switches:
➤ 64-bit width stores 48-bit MAC address plus associated data (Port ID, time stamp, “permanent” flag)
➤ 32-bit I/O supports multiple ports of fast (100 Mb) Ethernet or Gigabit Ethernet
➤ Station list depth flexibility with choice of pin-compatible device densities and glue-free cascading
➤ 3.3 Volt option for low power systems
➤ Industrial temperature grades for harsh environments




Similar Part No. - MU9C4485A

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C4480A MUSIC-MU9C4480A Datasheet
331Kb / 32P
LANCAM A/L series
MU9C4480A-70DC MUSIC-MU9C4480A-70DC Datasheet
331Kb / 32P
LANCAM A/L series
MU9C4480A-70DI MUSIC-MU9C4480A-70DI Datasheet
331Kb / 32P
LANCAM A/L series
MU9C4480A-90DC MUSIC-MU9C4480A-90DC Datasheet
331Kb / 32P
LANCAM A/L series
MU9C4480A-90DI MUSIC-MU9C4480A-90DI Datasheet
331Kb / 32P
LANCAM A/L series
More results


Similar Description - MU9C4485A

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
RC224ATL CONEXANT-RC224ATL Datasheet
1Mb / 104P
EmbeddedModem Family
logo
Zilog, Inc.
Z8018X ZILOG-Z8018X Datasheet
1Mb / 326P
Family MPU
logo
MUSIC Semiconductors
MU9C2481L MUSIC-MU9C2481L Datasheet
111Kb / 20P
LANCAM짰 1ST Family
logo
Freescale Semiconductor...
MC68HC11E0CFNE3 FREESCALE-MC68HC11E0CFNE3 Datasheet
1Mb / 242P
M68HC11E Family
MC9S12C128V1 FREESCALE-MC9S12C128V1 Datasheet
2Mb / 690P
MC9S12C Family MC9S12GC Family Reference Manual
logo
Microchip Technology
PIC18F66J10-I MICROCHIP-PIC18F66J10-I Datasheet
6Mb / 410P
PIC18F87J10 Family
03/26/09
logo
Pericom Semiconductor C...
PI7C9X2G808PR PERICOM-PI7C9X2G808PR Datasheet
752Kb / 1P
GreenPacket Family
logo
Silicon Laboratories
CP2102N SILABS-CP2102N Datasheet
637Kb / 44P
USBXpress Family
Rev. 1.0
logo
Rohm
BR25S128GUZ-W ROHM-BR25S128GUZ-W_12 Datasheet
626Kb / 27P
EEPROM family
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
NuMicro??Family
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com