Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C8358 Datasheet (PDF) - MUSIC Semiconductors

MU9C8358 Datasheet PDF - MUSIC Semiconductors
Part # MU9C8358
Download  MU9C8358 Download
File Size   527.85 Kbytes
Page   32 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description Quad 10/100Mb Ethernet Filter Interface

MU9C8358 Datasheet (PDF)

Go To PDF Page Download Datasheet
MU9C8358 Datasheet PDF - MUSIC Semiconductors

Part # MU9C8358
Download  MU9C8358 Click to download

File Size   527.85 Kbytes
Page   32 Pages
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors
Description Quad 10/100Mb Ethernet Filter Interface

MU9C8358 Datasheet (HTML) - MUSIC Semiconductors


MU9C8358 Product details

GENERAL DESCRIPTION
The MU9C8358, when configured with MUSIC Semiconductors MU9Cx480A family of LANCAMs, provides a high performance, large capacity Ethernet address processing subsystem for use in Ethernet bridge, switch, or remote access products. The device is designed to work in multi-port systems that require a common address database for all ports. Built-in arbitration allows two MU9C8358 devices to share a common CAM database, supporting up to eight 100Mb/s Ethernet ports at wire speed.

DISTINCTIVE CHARACTERISTICS
• Four industry-standard 10/100Mb MII ports
• Supports station list up to 16K addresses
• Built-in arbitration supports eight 100Mb Ethernet ports
• Port ID identification and MAC Frame Reject signal based on DA search results
• Read search results from the Result port or CPU port
• Hardware support for Tag switching
• Optional automatic learning of new SAs
• Optional automatic Aging and Purging
• 208-pin PQFP package
• 5 Volt operation

APPLICATION BENEFITS
• 10/100Mb Ethernet switching, bridging, and remote access at wire speed
• Glueless connection to MUSIC LANCAM and most 10/100Mb Ethernet chip sets
• Offloads all DA/SA processing and management functions from host processor
• Scalable up to eight ports of 100Mb Ethernet sharing a common CAM database
• Support station lists from 0.5K up to 16K
• Full support of Unicast, Multicast, and Broadcast frames
• Built-in generic Processor port




Similar Part No. - MU9C8358

ManufacturerPart #DatasheetDescription
logo
MUSIC Semiconductors
MU9C8358L MUSIC-MU9C8358L Datasheet
531Kb / 32P
Quad 10/100Mb Ethernet Filter Interface
MU9C8358L-THC MUSIC-MU9C8358L-THC Datasheet
531Kb / 32P
Quad 10/100Mb Ethernet Filter Interface
More results


Similar Description - MU9C8358

ManufacturerPart #DatasheetDescription
logo
Level One
LXT944 LVL1-LXT944 Datasheet
1Mb / 26P
Quad Ethernet Interface Adapter
logo
MUSIC Semiconductors
MU9C8338 MUSIC-MU9C8338 Datasheet
426Kb / 28P
10/ 100Mb Ethernet Filter Interface
MU9C8338A MUSIC-MU9C8338A Datasheet
436Kb / 32P
10/ 100Mb Ethernet Filter Interface
MU9C8358L MUSIC-MU9C8358L Datasheet
531Kb / 32P
Quad 10/100Mb Ethernet Filter Interface
logo
JDS Uniphase Corporatio...
ACC701-000 JDSU-ACC701-000 Datasheet
925Kb / 5P
10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
ACC702-000 JDSU-ACC702-000 Datasheet
901Kb / 5P
10/100Mb/s Optical to Electrical Ethernet Demarcation Device
logo
PCA ELECTRONICS INC.
EPE6279S PCA-EPE6279S Datasheet
235Kb / 1P
Quad Interface Filter Module
logo
XFMRS Inc.
XFVOIP-14 XFMRS-XFVOIP-14 Datasheet
46Kb / 1P
SMD TRANSFORMER FOR 10/100Mb LAN
logo
Molex Electronics Ltd.
1120361000 MOLEX-1120361000 Datasheet
37Kb / 1P
IP20 Unmanaged Ethernet Switch, 5 Ports, 10/100Mb Data Speed
1120361001 MOLEX-1120361001 Datasheet
39Kb / 1P
IP20 Unmanaged Ethernet Switch, 8 Ports, 10/100Mb Data Speed
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com