Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR821ARMZ Datasheet (PDF) - Analog Devices

ADR821ARMZ Datasheet PDF - Analog Devices
Part # ADR821ARMZ
Download  ADR821ARMZ Download
File Size   611.91 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Precision Reference and Op Amp

ADR821ARMZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR821ARMZ Datasheet PDF - Analog Devices

Part # ADR821ARMZ
Download  ADR821ARMZ Click to download

File Size   611.91 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Precision Reference and Op Amp

ADR821ARMZ Datasheet (HTML) - Analog Devices


ADR821ARMZ Product details

GENERAL DESCRIPTION
The ADR821/ADR827 combines a precision voltage reference and an op amp in a 10-lead mini small outline package (MSOP). The reference and the op amp can be operated independently, offering the user a range of flexibility when arranging the combination. Featuring a combined operating current of less than 400 μA and 15 ppm/°C temperature drift on the reference, the ADR821/ADR827 are ideally suited for applications requiring precision and low power.

FEATURES
    10-lead MSOP
    400 μA supply current
    −40°C to +125°C temperature range
    On-board precision resistors
    Reference
        ADR821: 2.8 V to 15 V operation
        ADR827: 2.7 V to 15 V operation
        ±0.2% initial accuracy 15 ppm/°C temperature drift maximum +5 mA/−3 mA output drive
    Amplifier
        ADR821
            ±2.8 V to ±15 V operation
            2.8 V to 15 V single-supply operation
        ADR827
        ±2.7 V to ±15 V operation
        2.7 V to 15 V single-supply operation
        Rail-to-rail input and output
    500 μV offset voltage maximum
    50 nA bias current maximum
    Unity gain stable
    No phase reversal

APPLICATIONS
    Battery-powered instrumentation
    Portable medical instrumentation
    Data acquisition systems
    Industrial process controls
    Automotive applications




Similar Part No. - ADR821ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR821 AD-ADR821 Datasheet
612Kb / 20P
Low Power, Precision Reference and Op Amp
Rev. 0
ADR821 AD-ADR821_15 Datasheet
612Kb / 20P
Low Power, Precision Reference and Op Amp
Rev. 0
More results


Similar Description - ADR821ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
Low Power Op Amp and Reference
logo
Analog Devices
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
ADR821 AD-ADR821_15 Datasheet
612Kb / 20P
Low Power, Precision Reference and Op Amp
Rev. 0
ADR827 AD-ADR827_15 Datasheet
612Kb / 20P
Low Power, Precision Reference and Op Amp
Rev. 0
logo
Linear Technology
LM10 LINER-LM10_15 Datasheet
783Kb / 16P
Low Power Op Amp and Reference
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com