Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1475131 Datasheet (PDF) - PHOENIX CONTACT

1475131 Datasheet PDF - PHOENIX CONTACT
Part # 1475131
Download  1475131 Download
File Size   557.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-H/4R5,0-6021 - PCB header

1475131 Datasheet (PDF)

Go To PDF Page Download Datasheet
1475131 Datasheet PDF - PHOENIX CONTACT

Part # 1475131
Download  1475131 Click to download

File Size   557.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC25-H/4R5,0-6021 - PCB header

1475131 Datasheet (HTML) - PHOENIX CONTACT


1475131 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 4, number
of rows: 1, number of positions: 4, number of connections: 4, product range: ICC..-H/..R5,0,
pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: ICC 2,5, Pin connector pattern alignment:
Standard, locking: Snap-in locking, mounting method: without, type of packaging: Box
packaging, Product with pin output on right side




Similar Part No. - 1475131

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1475104-1 MACOM-1475104-1 Datasheet
25Kb / 1P
LAMBDA CONNECTOR ASSY
logo
PHOENIX CONTACT
1475114 PHOENIX-1475114 Datasheet
336Kb / 9P
ICC25-PPC2,5/4-5,0-AA-6021 - PCB connector
More results


Similar Description - 1475131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203902 PHOENIX-2203902 Datasheet
110Kb / 3P
Feed-through header - ICC25-H/4L5,0-7035
2203903 PHOENIX-2203903 Datasheet
102Kb / 3P
Feed-through header - ICC25-H/4R5,0-7035
1072486 PHOENIX-1072486 Datasheet
109Kb / 5P
Feed-through header - ICC25-H/4L5,0-9005
10/28/2020
1378324 PHOENIX-1378324 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-X
1378143 PHOENIX-1378143 Datasheet
311Kb / 7P
PCB header - DD21H 0,85/10-H-2,5-Y
1340482 PHOENIX-1340482 Datasheet
326Kb / 8P
DD31H 2,2/12-H-3,81-X - PCB header
1341120 PHOENIX-1341120 Datasheet
321Kb / 8P
D31H 2,2/ 5-H-3,81-Y - PCB header
1376535 PHOENIX-1376535 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-X - PCB header
1339712 PHOENIX-1339712 Datasheet
319Kb / 8P
D31H 2,2/10-H-3,81-X - PCB header
1376494 PHOENIX-1376494 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-Y - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com