Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL99LT1 Datasheet (PDF) - TRANSYS Electronics Limited

BAL99LT1 Datasheet PDF - TRANSYS Electronics Limited
Part # BAL99LT1
Download  BAL99LT1 Download
File Size   60.88 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SWITCHING DIODE

BAL99LT1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAL99LT1 Datasheet PDF - TRANSYS Electronics Limited

Part # BAL99LT1
Download  BAL99LT1 Click to download

File Size   60.88 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SWITCHING DIODE

BAL99LT1 Datasheet (HTML) - TRANSYS Electronics Limited


BAL99LT1 Product details

SOT-23 Plastic-Encapsulated Diodes

FEATURES
   Power dissipation
      PD: 225 mW (Tamb=25℃)
   Forward Current
      IF: 100 m A
   Reverse Voltage
      VR: 70 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - BAL99LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
logo
ON Semiconductor
BAL99LT1 ONSEMI-BAL99LT1 Datasheet
41Kb / 4P
Switching Diode
July, 2004 ??Rev. 3
logo
Leshan Radio Company
BAL99LT1 LRC-BAL99LT1 Datasheet
47Kb / 2P
Switching Diode
logo
ON Semiconductor
BAL99LT1G ONSEMI-BAL99LT1G Datasheet
41Kb / 4P
Switching Diode
July, 2004 ??Rev. 3
BAL99LT1G ONSEMI-BAL99LT1G Datasheet
118Kb / 3P
Switching Diode
August, 2009 ??Rev. 5
More results


Similar Description - BAL99LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
AUK corp
ND181 AUK-ND181 Datasheet
326Kb / 4P
Switching Diode
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com