Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD321DPYR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESD321DPYR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESD321DPYR-TP
Download  ESD321DPYR-TP Download
File Size   2063.85 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Uni-directional ESD DIODE

ESD321DPYR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD321DPYR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESD321DPYR-TP
Download  ESD321DPYR-TP Click to download

File Size   2063.85 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Uni-directional ESD DIODE

ESD321DPYR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESD321DPYR-TP Product details

Features

o Low operating voltage: 5V

« Ultra low capacitance: 0.4pF

Ultra low leakage: nA level

o Low clamping voltage

o —IEC 61000-4-2 (ESD) immunity test

Air discharge: +30kV
Contact discharge: +30kV

—IEC61000-4-4 (EFT) 40A (5/50ns)
—IEC61000-4-5 (Lightning) 8A (8/20ps)

o 2-pin leadless package

These are Pb-Free Devices

« Response Time is Typically < 1 ns




Similar Part No. - ESD321DPYR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD321DPYR TI1-ESD321DPYR Datasheet
331Kb / 16P
1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 Package
ESD321DPYR TI-ESD321DPYR Datasheet
1Mb / 25P
ESD321 1-Channel 30 kV ESD Protection Diode with Low Capacitance (< 1 pF) in 0402 and SOD-523 Packages
REVISED DECEMBER 2022
ESD321DPYR TI2-ESD321DPYR Datasheet
1Mb / 25P
ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
REVISED JUNE 2025
ESD321DPYR.B TI2-ESD321DPYR.B Datasheet
1Mb / 25P
ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
REVISED JUNE 2025
ESD321DPYRG4 TI2-ESD321DPYRG4 Datasheet
1Mb / 25P
ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
REVISED JUNE 2025
More results


Similar Description - ESD321DPYR-TP

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
1-Line Uni-directional TVS Diode
AU2471P1 APMICRO-AU2471P1 Datasheet
612Kb / 4P
1-Line Uni-directional TVS Diode
AU3601P1 APMICRO-AU3601P1 Datasheet
404Kb / 4P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0371P6W LEIDITECH-SD0371P6W Datasheet
3Mb / 6P
1-Line Uni-directional TVS Diode
logo
TECH PUBLIC Electronics...
PESD8351HT1G TECHPUBLIC-PESD8351HT1G Datasheet
1,018Kb / 4P
Low Capactionce 1-Line Uni-directional ESD Diode
TPESD5V0U1UA TECHPUBLIC-TPESD5V0U1UA Datasheet
1,011Kb / 4P
Low Capactionce 1-Line Uni-directional ESD Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com