Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD401DPYR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

ESD401DPYR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # ESD401DPYR-TP
Download  ESD401DPYR-TP Download
File Size   1290.37 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional TVS Diode

ESD401DPYR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD401DPYR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # ESD401DPYR-TP
Download  ESD401DPYR-TP Click to download

File Size   1290.37 Kbytes
Page   4 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1-Line Bi-directional TVS Diode

ESD401DPYR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


ESD401DPYR-TP Product details

Features
Ultra small package: 1.0x0.6x0.5mm
Ultra low capacitance:0.3pF typical
Ultra low leakage: nA level
Low operating voltage: +5V
Low clamping voltage
2-pin leadless package
Complies with following standards:
~ IEC 61000-4-2 (ESD) immunity test
Air discharge: +20kV
Contact discharge: £15kV
~ IEC61000-4-5 (Lightning)4A (8/20 ps)
RoHS Compliant
Lead Finish: NiPdAu




Similar Part No. - ESD401DPYR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ESD401DPYR TI1-ESD401DPYR Datasheet
1Mb / 17P
1-Channel ESD Protection Diode With Robust IEC ESD Performance
ESD401DPYR TI2-ESD401DPYR Datasheet
1Mb / 26P
ESD401 1-Channel ESD Protection Diode With Robust IEC ESD Performance
REVISED AUGUST 2024
ESD401DPYR.B TI2-ESD401DPYR.B Datasheet
1Mb / 26P
ESD401 1-Channel ESD Protection Diode With Robust IEC ESD Performance
REVISED AUGUST 2024
ESD401DPYRG4 TI2-ESD401DPYRG4 Datasheet
1Mb / 26P
ESD401 1-Channel ESD Protection Diode With Robust IEC ESD Performance
REVISED AUGUST 2024
ESD401DPYRG4.B TI2-ESD401DPYRG4.B Datasheet
1Mb / 26P
ESD401 1-Channel ESD Protection Diode With Robust IEC ESD Performance
REVISED AUGUST 2024
More results


Similar Description - ESD401DPYR-TP

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0521D3 APMICRO-AU0521D3 Datasheet
730Kb / 4P
1-Line Bi-directional TVS Diode
AU1261P1 APMICRO-AU1261P1 Datasheet
703Kb / 4P
1-Line Bi-directional TVS Diode
AU1881P1 APMICRO-AU1881P1 Datasheet
714Kb / 4P
1-Line Bi-directional TVS Diode
AU3361P1 APMICRO-AU3361P1 Datasheet
709Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P1H APMICRO-AU4581P1H Datasheet
705Kb / 4P
1-Line Bi-directional TVS Diode
AU4581P6 APMICRO-AU4581P6 Datasheet
748Kb / 4P
1-Line Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
SDA0511CDN LEIDITECH-SDA0511CDN Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
PTVS0542H100 LEIDITECH-PTVS0542H100 Datasheet
4Mb / 4P
1-Line Bi-directional TVS Diode
SMDA05CCNQ LEIDITECH-SMDA05CCNQ Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
USESD05CP LEIDITECH-USESD05CP Datasheet
2Mb / 4P
1-Line Bi-directional TVS Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com