Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-04 Datasheet (PDF) - TRANSYS Electronics Limited

BAS70-04 Datasheet PDF - TRANSYS Electronics Limited
Part # BAS70-04
Download  BAS70-04 Download
File Size   66.64 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODE

BAS70-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS70-04 Datasheet PDF - TRANSYS Electronics Limited

Part # BAS70-04
Download  BAS70-04 Click to download

File Size   66.64 Kbytes
Page   1 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODE

BAS70-04 Datasheet (HTML) - TRANSYS Electronics Limited


BAS70-04 Product details

FEATURES

  Power dissipation

     PD: 200 mW (Tamb=25℃)

  Collector current

     IF: 200 mA

  Collector-base voltage

     VR: 70 V

  Operating and storage junction temperature range

     TJ, Tstg: -55℃ to +150℃



 




Similar Part No. - BAS70-04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-04 PHILIPS-BAS70-04 Datasheet
61Kb / 8P
Schottky barrier double diodes
1999 Jun 01
logo
STMicroelectronics
BAS70-04 STMICROELECTRONICS-BAS70-04 Datasheet
224Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Dec-2001
logo
Vishay Siliconix
BAS70-04 VISHAY-BAS70-04 Datasheet
56Kb / 4P
Surface Mount Schottky Barrier Diodes
01-Apr-99
logo
Siemens Semiconductor G...
BAS70-04 SIEMENS-BAS70-04 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping High-level detecting and mixing)
logo
Diodes Incorporated
BAS70-04 DIODES-BAS70-04 Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11007 Rev. L-2
More results


Similar Description - BAS70-04

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com