Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLL024NTRPBF-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

IRLL024NTRPBF-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # IRLL024NTRPBF-TP
Download  IRLL024NTRPBF-TP Download
File Size   1832.04 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

IRLL024NTRPBF-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLL024NTRPBF-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # IRLL024NTRPBF-TP
Download  IRLL024NTRPBF-TP Click to download

File Size   1832.04 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description N-Channel Enhancement Mode Power MOSFET

IRLL024NTRPBF-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


IRLL024NTRPBF-TP Product details

GENERAL FEATURES
60V, 4A, Rosin = 85m @Vos = 10V.
Rosin = 100m2 @Vgs = 45V.
High dense cel design for extremely low Rosin.
Rugged and relabi.
Lead free products acquired.
SOT-223 package.




Similar Part No. - IRLL024NTRPBF-TP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL024NTRPBF IRF-IRLL024NTRPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
logo
VBsemi Electronics Co.,...
IRLL024NTRPBF VBSEMI-IRLL024NTRPBF Datasheet
1Mb / 6P
N-Channel 60-V (D-S) MOSFET
logo
Infineon Technologies A...
IRLL024NTRPBF INFINEON-IRLL024NTRPBF Datasheet
482Kb / 9P
Surface Mount
2019-01-28
More results


Similar Description - IRLL024NTRPBF-TP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com