Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KS101-BT Datasheet (PDF) - DFI Inc

KS101-BT Datasheet PDF - DFI Inc
Part # KS101-BT
Download  KS101-BT Download
File Size   759.43 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel® AtomTM E3800 Series 10.1" Light Industrial Touch Panel PC

KS101-BT Datasheet (PDF)

Go To PDF Page Download Datasheet
KS101-BT Datasheet PDF - DFI Inc

Part # KS101-BT
Download  KS101-BT Click to download

File Size   759.43 Kbytes
Page   4 Pages
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc
Description Intel® AtomTM E3800 Series 10.1" Light Industrial Touch Panel PC

KS101-BT Datasheet (HTML) - DFI Inc


KS101-BT Product details

Features
• 10.1" 1280x800 TFT LCD Panel with Touch Screen
• 1x 2.5" SATA drive bay
• IP65 Front Panel Protection
• VESA/Panel Mount
• Rich I/O: 2 LAN, 5 COM, 1 USB 3.0, 3 USB 2.0




Similar Part No. - KS101-BT

ManufacturerPart #DatasheetDescription
logo
DFI Inc
KS101-EHL DFI-KS101-EHL Datasheet
761Kb / 4P
10.1" Industrial Touch Panel PC
More results


Similar Description - KS101-BT

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
BT551 GSR-BT551 Datasheet
849Kb / 2P
Intel® AtomTM E3800 Series
logo
DFI Inc
BT700 DFI-BT700 Datasheet
609Kb / 2P
Intel AtomTM E3800 Series AtomTM E3800 Series
BT968 DFI-BT968 Datasheet
1Mb / 2P
Intel AtomTM E3800 Series COM Express Compact
KS057R-FS DFI-KS057R-FS Datasheet
577Kb / 3P
NXP i.MX6 Series 5.7 Light Industrial Touch Panel PC
KS310-IMX6 DFI-KS310-IMX6 Datasheet
1Mb / 4P
10.1 Light Industrial Touch Panel PC
KS156-AL DFI-KS156-AL Datasheet
778Kb / 4P
15.6 Light Industrial Touch Panel PC
VP101-BT DFI-VP101-BT Datasheet
893Kb / 4P
10.1 In-vehicle Touch Panel PC
logo
Weidmuller
2676450000 WEIDMULLER-2676450000 Datasheet
141Kb / 3P
Industrial Panel-PC, Display size 10.1
November 4, 2021
2676460000 WEIDMULLER-2676460000 Datasheet
141Kb / 3P
Industrial Panel-PC, Display size 10.1
November 4, 2021
logo
AAEON Technology
ACP-1106 AAEON-ACP-1106 Datasheet
630Kb / 2P
10.1” WXGA Multi-Touch Panel PC With Intel® Pentium® N4200/ Celeron® N3350 Processor, 4 GB RAM
2022/11/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com