Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6C941 Datasheet (PDF) - Solid State Inc

AD6C941 Datasheet PDF - Solid State Inc
Part # AD6C941
Download  AD6C941 Download
File Size   361.24 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance

AD6C941 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6C941 Datasheet PDF - Solid State Inc

Part # AD6C941
Download  AD6C941 Click to download

File Size   361.24 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low On Resistance

AD6C941 Datasheet (HTML) - Solid State Inc


AD6C941 Product details

Description
The AD6C941 is a bi-directional, single-pole, single-throw,
normally open multipurpose relay. It is designed to replace
electro-mechanical relays in general purpose switching
applications. The relay consists of an integrated circuit that
drives two rugged drain-to-drain enhancement type DMOS
transistors - optically coupled to a light emitting diode. The
output MOS transistors have extremely low on resistance
allowing the relay to high continuous load currents of up to
2.2 amps.
The AD6C941 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.

Features
 Low On Resistance (75m TYP)
 Low Input Control Current (1mA TYP)
 High Maximum Continuous Load Current (2.2 Amps)
 High Isolation Voltage (3.75kVRMS, 5kVRMS -H Option)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Reed Relay Replacement
 Meter Reading Systems
 Data Acquisition
 Medical Equipment
 Battery Monitoring
 Safety Systems




Similar Part No. - AD6C941

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
More results


Similar Description - AD6C941

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com