Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M211-L Datasheet (PDF) - Solid State Inc

M211-L Datasheet PDF - Solid State Inc
Part # M211-L
Download  M211-L Download
File Size   191.41 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Current limiting (over-current protection)

M211-L Datasheet (PDF)

Go To PDF Page Download Datasheet
M211-L Datasheet PDF - Solid State Inc

Part # M211-L
Download  M211-L Click to download

File Size   191.41 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Current limiting (over-current protection)

M211-L Datasheet (HTML) - Solid State Inc


M211-L Product details

FEATURES
Current limiting • (over-current protection)
• Miniature 4 pin SOP package
• Low input control power consumption
• 100mA maximum continuous load current
• 40 ohms maximum on-resistance
• High input-to-output isolation
• Long life/high reliability

APPLICATIONS
• Multiplexers
• Meter reading systems
• Data Acquisition
• Medical equipment
• Battery monitoring
• Home/Safety security systems




Similar Part No. - M211-L

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M211-L SSOUSA-M211-L Datasheet
137Kb / 4P
1 Form A Solid State Relay
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
Current limiting ??(over-current protection)
More results


Similar Description - M211-L

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9A600MUV ROHM-BD9A600MUV Datasheet
1Mb / 35P
Over Current Protection
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
Over-Current Protection
logo
Solid State Optronic
AD4C211-L SSOUSA-AD4C211-L_15 Datasheet
218Kb / 5P
Current limiting (over-current protection)
M211-L SSOUSA-M211-L_15 Datasheet
191Kb / 5P
Current limiting ??(over-current protection)
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
Over-Current Protection
Q48SG12034 DELTA-Q48SG12034 Datasheet
1Mb / 26P
Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
Over-Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com