Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M221-L Datasheet (PDF) - Solid State Inc

M221-L Datasheet PDF - Solid State Inc
Part # M221-L
Download  M221-L Download
File Size   177.09 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Transient ov er current protection (170mA TYP)

M221-L Datasheet (PDF)

Go To PDF Page Download Datasheet
M221-L Datasheet PDF - Solid State Inc

Part # M221-L
Download  M221-L Click to download

File Size   177.09 Kbytes
Page   5 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Transient ov er current protection (170mA TYP)

M221-L Datasheet (HTML) - Solid State Inc


M221-L Product details

FEATURES
Transient ov • er current protection (170mA TYP)
• Low input control power consumption (2.5mA TYP)
• 120mA maximum continuous load current
• 30 ohms maximum on-resistance
• Ultra miniature 4-pin small outline package
• High input-to-output isolation
• Long life/high reliability

APPLICATIONS
• Multiplexers
• Meter reading systems
• Data Acquisition
• Medical equipment
• Battery monitoring
• Home/Safety security systems




Similar Part No. - M221-L

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M221-L SSOUSA-M221-L Datasheet
165Kb / 5P
1 Form A Solid State Relay
M221-L SSOUSA-M221-L_15 Datasheet
177Kb / 5P
Transient ov ??er current protection (170mA TYP)
More results


Similar Description - M221-L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4365 LINER-LTC4365 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
logo
Solid State Optronic
M221-L SSOUSA-M221-L_15 Datasheet
177Kb / 5P
Transient ov ??er current protection (170mA TYP)
logo
RICOH electronics devic...
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
Supply Current Typ. 30uA
April 1, 2012
logo
Vicor Corporation
DCM4623XD2N13C8YZZ VICOR-DCM4623XD2N13C8YZZ Datasheet
1Mb / 25P
OV, OC, UV, short circuit and thermal protection
logo
Maxim Integrated Produc...
MAX17613A MAXIM-MAX17613A Datasheet
827Kb / 28P
4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 2/19
MAX17613AEVKIT MAXIM-MAX17613AEVKIT Datasheet
699Kb / 12P
MAX17613A - 4.5V to 60V, 3A Current-Limiter with OV, UV and Reverse Protection
Rev 0; 4/19
MAX17612BEVKIT MAXIM-MAX17612BEVKIT Datasheet
729Kb / 9P
MAX17612B 4.5V to 60V, 250mA, Current-Limiter with OV, UV Protection
Rev 0; 9/18
MAX17612AEVKIT MAXIM-MAX17612AEVKIT Datasheet
785Kb / 9P
MAX17612A 4.5V to 60V, 250mA, Current-Limiter with OV, UV, and Reverse Protection
Rev 1; 8/18
MAX17608 MAXIM-MAX17608 Datasheet
619Kb / 21P
4.5V to 60V, 1A Current Limiter with OV, UV, and Reverse Protection
Rev 1; 6/18
MAX17612A MAXIM-MAX17612A Datasheet
585Kb / 21P
4.5V to 60V, 250mA Current-Limiter with OV, UV, and Reverse Protection
19-100363; Rev 0; 6/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com