Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1495033 Datasheet (PDF) - PHOENIX CONTACT

1495033 Datasheet PDF - PHOENIX CONTACT
Part # 1495033
Download  1495033 Download
File Size   527.74 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-599/599-7035 - PCB connector

1495033 Datasheet (PDF)

Go To PDF Page Download Datasheet
1495033 Datasheet PDF - PHOENIX CONTACT

Part # 1495033
Download  1495033 Click to download

File Size   527.74 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HSCP-SP 1,5-1U6-599/599-7035 - PCB connector

1495033 Datasheet (HTML) - PHOENIX CONTACT


1495033 Product details

PCB connector, nominal cross section: 1.5 mm2, color: light gray, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials:
6, number of rows: 2, number of positions: 6, number of connections: 6, product range: HSCPSP
1,5-.., pitch: 3.45 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: HSC 1,5, locking: without,
mounting method: without, type of packaging: packed in cardboard, Color of the spring levers:
green, white, white / green, white, white




Similar Part No. - 1495033

ManufacturerPart #DatasheetDescription
logo
Heyco.
14950 HEYCO-14950 Datasheet
90Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Evolt
14950 EKTOR-14950 Datasheet
170Kb / 2P
DALI-2 CONSTANT CURRENT DRIVER
31st of January 2025 07:12:39
logo
PHOENIX CONTACT
1495002 PHOENIX-1495002 Datasheet
181Kb / 4P
UCS SHS M2,5X4 - Screw set
More results


Similar Description - 1495033

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI57X-EVB SILABS-SI57X-EVB Datasheet
828Kb / 34P
Si57X/598/599 ANY FREQUENCY I2C PROGRAMMABLE XO/VCXO EVALUATION BOARD
logo
Pasternack Enterprises,...
PE-W28B002 PASTERNACK-PE-W28B002 Datasheet
403Kb / 4P
WR-28 Instrumentation Grade Waveguide H-Bend with UG-599-U Flange Operating from 26.5 GHz to 40 GHz
PE-W28TF005-12 PASTERNACK-PE-W28TF005-12 Datasheet
398Kb / 4P
WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-24 PASTERNACK-PE-W28TF005-24 Datasheet
393Kb / 4P
WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PE-W28TF005-36 PASTERNACK-PE-W28TF005-36 Datasheet
394Kb / 4P
WR-28 Flexible Waveguide Twist With a UG-599 - U Flange Operating From 26.5 GHz to 40 GHz
PEWMT1005 PASTERNACK-PEWMT1005 Datasheet
500Kb / 3P
WR-28 Waveguide Magic Tee, UG-599/U Square Cover Flange Operating from 26.5 GHz to 40 GHz
PE-W28SF005-24 PASTERNACK-PE-W28SF005-24 Datasheet
392Kb / 4P
WR-28 Seamless Flexible Waveguide, UG-599/U Square Cover Flange Operating From 26.5 GHz to 40 GHz
PEWAD5005 PASTERNACK-PEWAD5005 Datasheet
366Kb / 3P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
PEWAD5008 PASTERNACK-PEWAD5008 Datasheet
423Kb / 4P
WR-28 Waveguide Bulkhead Adapter UG-599/U Square Cover Flange, 26.5 GHz to 40 GHz
logo
PHOENIX CONTACT
2202606 PHOENIX-2202606 Datasheet
114Kb / 8P
Printed-circuit board connector - HSCP-SP2,5-1UTT-62/62-7035
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com