Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20045 Datasheet (PDF) - TRANSYS Electronics Limited

MBR20045 Datasheet PDF - TRANSYS Electronics Limited
Part # MBR20045
Download  MBR20045 Download
File Size   121.24 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES MODULE TYPE 200A

MBR20045 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR20045 Datasheet PDF - TRANSYS Electronics Limited

Part # MBR20045
Download  MBR20045 Click to download

File Size   121.24 Kbytes
Page   2 Pages
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited
Description SCHOTTKY DIODES MODULE TYPE 200A

MBR20045 Datasheet (HTML) - TRANSYS Electronics Limited


MBR20045 Product details

Features

  High Surge Capability

  Types Up to 100V VRRM



 




Similar Part No. - MBR20045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20045 MCC-MBR20045 Datasheet
126Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Microsemi Corporation
MBR20045 MICROSEMI-MBR20045 Datasheet
118Kb / 2P
180 Amp Schottky Rectifier
logo
Micro Commercial Compon...
MBR20045CT MCC-MBR20045CT Datasheet
414Kb / 3P
200 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
TRANSYS Electronics Lim...
MBR20045CT TEL-MBR20045CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
logo
Microsemi Corporation
MBR20045CT MICROSEMI-MBR20045CT Datasheet
123Kb / 2P
Schottky PowerMod
More results


Similar Description - MBR20045

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
FSTI20020 TEL-FSTI20020 Datasheet
119Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
MBRF20020 TEL-MBRF20020 Datasheet
124Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
FST6210L TEL-FST6210L Datasheet
121Kb / 2P
SCHOTTKY DIODES MODULE TYPE 60A
FST7220L TEL-FST7220L Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7220SL TEL-FST7220SL Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320M TEL-FST7320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST7320SL TEL-FST7320SL Datasheet
145Kb / 2P
SCHOTTKY DIODES MODULE TYPE 70A
FST8320M TEL-FST8320M Datasheet
146Kb / 2P
SCHOTTKY DIODES MODULE TYPE 80A
FST20020 TEL-FST20020 Datasheet
144Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
MBR20020CT TEL-MBR20020CT Datasheet
133Kb / 2P
SCHOTTKY DIODES MODULE TYPE 200A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com